| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TIP100 Datasheet(PDF) 2 Page - Continental Device India Limited |
|
|
|||||||||||||||||||||||||||||
TIP100 Datasheet(HTML) 2 Page - Continental Device India Limited |
|
2 / 3 page ![]() TIP100 TIP105 TIP101 TIP106 TIP102 TIP107 NPN PNP TO-220 Plastic Package TO-220 Plastic Package TO-220 Tube Packing TO-220 200 pcs/polybag 50 pcs/tube 396gm/200 pcs 120gm/50 pcs 3"x7.5"x7.5" 3.5"x3.7" x 21.5" 1.0K 1.0K 17"x15"x13.5" 19" x 19" x 19" 16.0K 10.0K 36 kgs 29 kgs PACKAGE Net Weight/Qty Details STANDARDPACK INNER CARTON BOX Qty OUTER CARTON BOX Qty GrWt Size Size Packing Details Pin Configuration 1. Base 2. Collector 3. Emitter 4. Collector 3 2 1 4 All diminsions in mm. DIM MIN MAX N O B C D — E F G H J K L M A 14.42 16.51 9.63 10.67 3.56 4.83 0.90 1.15 1.40 3.75 3.88 2.29 2.79 2.54 3.43 — 0.56 12.70 14.73 2.80 4.07 2.03 2.92 — 31.24 7 DEG B F C E 1 2 3 D G M J 6.87 13.74 End Pin Tube Thickness DEVICE NAME Label 536.00 ±1.5 50 Pcs./Tube Sr. QTY. A ll Dimensions in mm AMMO PACK SIZE 20 Tubes/Ammo Pack 1000 Pcs./Ammo Pack Label 538 .00 75.0 Continental Device India Limited Data Sheet Page 2 of 3 |