Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MADA2030G Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

No. de pieza MADA2030G
Descripción Electrónicos  5-Bit GaAs Digital Attenuator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADA2030G Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MADA2030G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADA2030G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADA2030G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADA2030G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
5-Bit GaAs Digital Attenuator
DC- 2.0 GHz
Rev. V3
MADA2030G
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Reference Insertion Loss
DC - 1.0 GHz
DC - 2.0 GHz
dB
dB
1.9
2.3
Attenuation Accuracy
DC - 2.0 GHz
± (0.3 dB ± 3% of attenuation setting in dB) dB
VSWR (Worst Case)
DC - 2.0 GHz
Ratio
1.6:1
Phase Balance
(For any bit or combinations of bits per unit)
500 MHz
1.0 GHz
2.0 GHz
°
°
°
+1 / -2
+2 / -3
+4 / -6
Switching Characteristics
50% Control to 90% RF, 50% Control to 10% RF
Unfiltered Transients
nS
mV
3
7
Input Power for
1 dB Compression
100 MHz
Above 500 MHz
dBm
dBm
24
27
IP2
for two-tone input power up to +5 dBm
100 MHz
Above 500 MHz
dBm
dBm
45
68
IP3
for two-tone input power up to +5 dBm
100 MHz
Above 500 MHz
dBm
dBm
40
45
Control Voltages
(Complementary Logic)
VIN Low, 0 to -0.2 V
VIN Hi, -5 V
VIN Hi, -8 V
µA
µA
µA
75
5
250
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table
3
3.
0 = VIN Low, 0 to -0.2 V, 1 = VIN Hi, -5 V to -8 V
VC1 VC2 VC3 VC3 VC4 VC4 VC5 VC5
Attenuation
Setting
1
1
1
0
1
0
1
0
Reference
0
1
1
0
1
0
1
0
0.5 dB
1
0
1
0
1
0
1
0
1 dB
1
1
0
1
1
0
1
0
2 dB
1
1
1
0
0
1
1
0
4 dB
1
1
1
0
1
0
0
1
8 dB
0
0
0
1
0
1
0
1
15.5 dB
Schematic



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com