Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

80960JD Datasheet(PDF) 5 Page - Intel Corporation

No. de pieza 80960JD
Descripción Electrónicos  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD Datasheet(HTML) 5 Page - Intel Corporation

  80960JD Datasheet HTML 1Page - Intel Corporation 80960JD Datasheet HTML 2Page - Intel Corporation 80960JD Datasheet HTML 3Page - Intel Corporation 80960JD Datasheet HTML 4Page - Intel Corporation 80960JD Datasheet HTML 5Page - Intel Corporation 80960JD Datasheet HTML 6Page - Intel Corporation 80960JD Datasheet HTML 7Page - Intel Corporation 80960JD Datasheet HTML 8Page - Intel Corporation 80960JD Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 86 page
background image
Datasheet
5
Contents
48
HOLD/HOLDA Waveform For Bus Arbitration ............................................................................75
49
Cold Reset Waveform................................................................................................................. 76
50
Warm Reset Waveform .............................................................................................................. 77
51
Entering the ONCE State............................................................................................................78
52
Bus States with Arbitration.......................................................................................................... 80
53
Summary of Aligned and Unaligned Accesses (32-Bit Bus)....................................................... 84
54
Summary of Aligned and Unaligned Accesses (32-Bit Bus) (Continued) ................................... 85
Tables
1
80960Jx 3.3-V Microprocessor Family ......................................................................................... 7
2
80960Jx Instruction Set .............................................................................................................. 14
3
80960Jx Processors Available in 132-Pin PGA Package........................................................... 15
4
80960Jx Processors Available in 132-Pin PQFP Package......................................................... 15
5
80960Jx Processors Available in Extended Temperature ......................................................... 16
6
80960Jx Processors Available in 196-Ball MPBGA Package..................................................... 16
7
Pin Description Nomenclature .................................................................................................... 17
8
Pin Description—External Bus Signals....................................................................................... 18
9
Pin Description—Processor Control Signals, Test Signals, and Power .....................................21
10
Pin Description—Interrupt Unit Signals ...................................................................................... 22
11
132-Lead PGA Pinout—In Signal Order ..................................................................................... 25
12
132-Lead PGA Pinout—In Pin Order.......................................................................................... 26
13
132-Lead PQFP Pinout—In Signal Order................................................................................... 28
14
132-Lead PQFP Pinout—In Pin Order........................................................................................ 29
15
196-Ball MPBGA Pinout—In Signal Order..................................................................................32
16
196-Ball MPBGA Pinout—In Pin Order ...................................................................................... 33
17
Absolute Maximum Ratings ........................................................................................................ 35
18
80960Jx Operating Conditions ................................................................................................... 35
19
VDIFF Parameters...................................................................................................................... 37
20
80960Jx D.C. Characteristics ..................................................................................................... 38
21
80960Jx ICC Characteristics .......................................................................................................39
22
80960Jx A.C. Characteristics ..................................................................................................... 42
23
Note Definitions for Table 22, 80960Jx AC Characteristics........................................................ 45
24
80960Jx Device Type and Stepping Reference ......................................................................... 59
25
80960JS/JC/JT Device ID Register Field Definitions.................................................................. 60
26
80960JS/JC/JT Device ID Model Types ..................................................................................... 60
27
80960JD Device ID Field Definitions .......................................................................................... 61
28
80960JD Device ID Model Types ...............................................................................................61
29
80960JA/JF Device ID Field Definitions ..................................................................................... 62
30
80960JA/JF Device ID Model Types .......................................................................................... 62
31
Thermal Resistance for qCA and qJC Reference Table ..............................................................63
32
Maximum Ambient Temperature Reference Table.....................................................................63
33
132-Lead PGA Package Thermal Characteristics ...................................................................... 64
34
80960JA/JF/JD 196-Ball MPBGA Package Thermal Characteristics ......................................... 64
35
80960JS/JC/JT 196-Ball MPBGA Package Thermal Characteristics ......................................... 65
36
132-Lead PQFP Package Thermal Characteristics.................................................................... 65
37
Maximum TA at Various Airflows in °C (80960JT) ......................................................................66
38
Maximum TA at Various Airflows in °C (80960JC)......................................................................66
39
Maximum TA at Various Airflows in °C (80960JD)......................................................................67
40
Maximum TA at Various Airflows in °C (80960JS) ......................................................................67
41
Maximum TA at Various Airflows in °C (80960JA/JF) .................................................................68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86