| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EL400C Datasheet(PDF) 8 Page - Elantec Semiconductor |
|
|
|||||||||||||||||||||||||||||
EL400C Datasheet(HTML) 8 Page - Elantec Semiconductor |
|
8 / 11 page ![]() 8 EL400C 200MHz Current Feedback Amplifier Printed Circuit Layout As with any high frequency device, good PCB layout is necessary for optimum performance. Ground plane con- struction is a requirement, as is good power-supply and Offset Adjust bypassing close to the package. The inverting input is sensitive to stray capacitance, there- fore connections at the inverting input should be minimal, close to the package, and constructed with as little coupling the ground plane as possible. Capacitance at the output node will reduce stability, eventually resulting in peaking, and finally oscillation if the capacitance is large enough. The design of the EL400C allows a larger capacitive load than comparable products, yet there are occasions when a series resistor before the capacitance may be needed. Please refer to the graphs to determine the proper resistor value needed. |