| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2SD1615A Datasheet(PDF) 2 Page - NEC |
|
|
|||||||||||||||||||||||||||||
2SD1615A Datasheet(HTML) 2 Page - NEC |
|
2 / 4 page ![]() 2 2SD1615, 2SD1615A TYPICAL CHARACTERISTICS (TA = 25 ˚C) without heatsink TA – Ambient Temperature – ˚C 0 40 80 120 160 200 2.5 2.0 1.5 1.0 0.5 TOTAL POWER DISSIPATION vs. AMBIENT TEMPERATURE 100 80 60 40 20 02 4 6 8 10 300 A µ 200 A µ 200 A µ 150 A µ 100 A µ IB = 50 A µ COLLECTOR CURRENT vs. BASE TO EMITTER VOLTAGE VCE – Collector to Emitter Voltage – V 1000 500 200 100 50 20 10 5 0.01 0.02 0.05 0.1 0.2 0.5 1 2 5 10 IC – Collector Current – A DC CURRENT GAIN vs. COLLECTOR CURRENT VCE = 2.0 V 1.0 0.8 0.6 0.4 0.2 0 0.2 0.4 0.6 0.8 1.0 3.0 mA 2.5 mA 2.0 mA 1.5 mA 1.0 mA IB = 0.5 mA COLLECTOR CURRENT vs. COLLECTOR TO EMITTER VOLTAGE VCE(sat) – Collector Saturation Voltage – V 2 1 0.5 0.2 0.1 0.05 0.02 0.01 0.02 0.05 0.1 0.2 0.5 1 2 5 10 IC – Collector Current – A COLLECTOR AND BASE SATURATION VOLTAGE vs. COLLECTOR CURRENT 3.5 mA 4.0 mA 5.0 mA 4.5 mA IC = 20·IB VCE(sat) VBE(sat) SAFE OPERATING AREA (TRANSIENT THERMAL RESISTANCE METHOD) 1 pulse 5 2 1 0.5 0.2 0.1 0.05 0.02 0.01 1 2 5 10 20 50 100 VCE – Collector to Emitter Voltage – V 200 ms DC |