| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ECOS1JP392BA Datasheet(PDF) 4 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECOS1JP392BA Datasheet(HTML) 4 Page - Panasonic Semiconductor |
|
4 / 6 page ![]() TS-UP Standard Ratings (continued) Cap. Panasonic Cap. Panasonic (µF) 120Hz 10kHz~ 120Hz 20kHz Part Number (µF) 120Hz 10kHz~ 120Hz 20kHz Part Number 35 x 30 1.66 2.32 0.614 0.215 ECOS2VP271EA 150 30 x 25 1.16 1.62 1.105 0.387 ECOS2GP151DA 330 25 x 50 1.88 2.63 0.502 0.176 ECOS2VP331CA 35 x 20 0.60 0.84 1.326 0.464 ECOS2GP151EL 30 x 35 1.88 2.63 0.502 0.176 ECOS2VP331DX 180 22 x 45 1.44 2.02 0.921 0.322 ECOS2GP181BA 30 x 40 1.88 2.63 0.502 0.176 ECOS2VP331DA 25 x 30 1.44 2.02 0.921 0.322 ECOS2GP181CX 35 x 30 1.88 2.63 0.502 0.176 ECOS2VP331EA 25 x 35 1.44 2.02 0.921 0.322 ECOS2GP181CA 390 25 x 50 2.06 2.88 0.425 0.149 ECOS2VP391CX 220 22 x 50 1.49 2.09 0.754 0.264 ECOS2GP221BA 30 x 40 2.06 2.88 0.425 0.149 ECOS2VP391DX 25 x 40 1.49 2.09 0.754 0.264 ECOS2GP221CA 30 x 45 2.06 2.88 0.468 0.164 ECOS2VP391DA 30 x 30 1.49 2.09 0.754 0.264 ECOS2GP221DA 35 x 30 2.06 2.88 0.425 0.149 ECOS2VP391EX 270 25 x 45 1.67 2.34 0.675 0.236 ECOS2GP271CA 35 x 35 2.06 2.88 0.425 0.149 ECOS2VP391EA 30 x 35 1.67 2.34 0.675 0.236 ECOS2GP271DA 470 30 x 50 2.40 3.36 0.388 0.136 ECOS2VP471DA 35 x 30 1.67 2.34 0.675 0.236 ECOS2GP271EA 35 x 35 2.40 3.36 0.353 0.123 ECOS2VP471EX 330 30 x 40 1.90 2.66 0.553 0.193 ECOS2GP331DA 35 x 40 2.40 3.36 0.353 0.123 ECOS2VP471EA 35 x 30 1.90 2.66 0.553 0.193 ECOS2GP331EX 560 30 x 50 2.60 3.64 0.326 0.114 ECOS2VP561DX 35 x 35 1.90 2.66 0.553 0.193 ECOS2GP331EA 35 x 40 2.60 3.64 0.296 0.104 ECOS2VP561EX 390 30 x 45 2.13 2.98 0.468 0.164 ECOS2GP391DA 35 x 45 2.60 3.64 0.296 0.104 ECOS2VP561EA 35 x 35 2.13 2.98 0.468 0.164 ECOS2GP391EX 680 35 x 45 2.96 4.14 0.293 0.117 ECOS2VP681EX 35 x 40 2.13 2.98 0.468 0.164 ECOS2GP391EA 35 x 50 2.96 4.14 0.293 0.117 ECOS2VP681EA 470 35 x 40 2.39 3.35 0.388 0.136 ECOS2GP471EX 820 35 x 50 3.55 4.97 0.243 0.097 ECOS2VP821EX 35 x 45 2.39 3.35 0.388 0.136 ECOS2GP471EA 560 35 x 45 2.69 3.77 0.326 0.114 ECOS2GP561EX 47 22 x 20 0.25 0.35 4.233 1.481 ECOS2TP470BL 35 x 50 2.69 3.77 0.326 0.114 ECOS2GP561EA 68 22 x 25 0.76 1.06 2.438 0.853 ECOS2TP680BA 680 35 x 50 3.00 4.20 0.268 0.094 ECOS2GP681EX 25 x 20 0.35 0.49 2.926 1.024 ECOS2TP680CL 82 22 x 25 0.83 1.16 2.022 0.708 ECOS2TP820BA 82 22 x 30 0.83 1.16 2.426 0.849 ECOS2SP820BA 100 22 x 30 0.92 1.29 1.658 0.580 ECOS2TP101BA 100 22 x 30 0.92 1.29 1.989 0.696 ECOS2SP101BA 25 x 25 0.92 1.29 1.658 0.580 ECOS2TP101CA 25 x 25 0.92 1.29 1.989 0.696 ECOS2SP101CA 30 x 20 0.47 0.66 1.989 0.696 ECOS2TP101DL 120 22 x 35 1.02 1.43 1.658 0.580 ECOS2SP121BA 120 22 x 35 1.02 1.43 1.382 0.553 ECOS2TP121BA 25 x 30 1.02 1.43 1.658 0.580 ECOS2SP121CA 25 x 25 1.02 1.43 1.382 0.553 ECOS2TP121CX 150 22 x 40 1.16 1.62 1.326 0.464 ECOS2SP151BA 25 x 30 1.02 1.43 1.382 0.553 ECOS2TP121CA 25 x 30 1.16 1.62 1.326 0.464 ECOS2SP151CA 150 22 x 35 1.16 1.62 1.105 0.442 ECOS2TP151BX 30 x 25 1.16 1.62 1.326 0.464 ECOS2SP151DA 22 x 40 1.16 1.62 1.105 0.442 ECOS2TP151BA 180 22 x 45 1.44 2.02 1.105 0.387 ECOS2SP181BA 25 x 30 1.16 1.62 1.105 0.442 ECOS2TP151CA 25 x 35 1.44 2.02 1.105 0.387 ECOS2SP181CA 30 x 25 1.16 1.62 1.105 0.442 ECOS2TP151DA 30 x 30 1.44 2.02 1.105 0.387 ECOS2SP181DA 35 x 20 0.60 0.84 1.326 0.531 ECOS2TP151EL 220 25 x 45 1.49 2.09 0.904 0.316 ECOS2SP221CA 180 22 x 40 1.44 2.02 0.921 0.368 ECOS2TP181BX 30 x 30 1.49 2.09 0.904 0.316 ECOS2SP221DA 22 x 45 1.44 2.02 0.921 0.368 ECOS2TP181BA 35 x 25 1.49 2.09 0.904 0.316 ECOS2SP221EA 25 x 30 1.44 2.02 0.921 0.368 ECOS2TP181CX 270 25 x 50 1.67 2.34 0.737 0.258 ECOS2SP271CA 25 x 35 1.44 2.02 0.921 0.368 ECOS2TP181CA 30 x 35 1.67 2.34 0.737 0.258 ECOS2SP271DA 30 x 25 1.44 2.02 0.921 0.368 ECOS2TP181DX 35 x 30 1.67 2.34 0.737 0.258 ECOS2SP271EA 30 x 30 1.44 2.02 0.921 0.368 ECOS2TP181DA 330 30 x 45 1.90 2.66 0.603 0.211 ECOS2SP331DA 220 22 x 45 1.49 2.09 0.829 0.373 ECOS2TP221BX 35 x 35 1.90 2.66 0.603 0.211 ECOS2SP331EA 22 x 50 1.49 2.09 0.829 0.373 ECOS2TP221BA 390 30 x 50 2.13 2.98 0.510 0.179 ECOS2SP391DA 25 x 40 1.49 2.09 0.829 0.373 ECOS2TP221CA 35 x 40 2.13 2.98 0.510 0.179 ECOS2SP391EA 30 x 30 1.49 2.09 0.829 0.373 ECOS2TP221DA 470 35 x 45 2.39 3.35 0.423 0.148 ECOS2SP471EA 270 25 x 45 1.67 2.34 0.675 0.304 ECOS2TP271CA 560 35 x 50 2.69 3.77 0.355 0.124 ECOS2SP561EA 30 x 35 1.67 2.34 0.675 0.304 ECOS2TP271DA 35 x 25 1.67 2.34 0.675 0.304 ECOS2TP271EX 33 22 x 20 0.20 0.28 6.028 2.411 ECOS2WP330BL 35 x 30 1.67 2.34 0.675 0.304 ECOS2TP271EA 22 x 25 0.41 0.57 6.028 2.411 ECOS2WP330BA 330 25 x 50 1.90 2.66 0.553 0.249 ECOS2TP331CX 47 22 x 25 0.59 0.83 4.233 1.693 ECOS2WP470BA 30 x 40 1.90 2.66 0.553 0.249 ECOS2TP331DA 25 x 20 0.29 0.41 4.233 1.693 ECOS2WP470CL 35 x 30 1.90 2.66 0.553 0.249 ECOS2TP331EX 56 22 x 25 0.70 0.98 2.960 1.184 ECOS2WP560BA 35 x 35 1.90 2.66 0.553 0.249 ECOS2TP331EA 68 30 x 20 0.38 0.53 2.926 1.170 ECOS2WP680DL 390 30 x 45 2.13 2.98 0.468 0.210 ECOS2TP391DA 82 22 x 30 0.83 1.16 2.022 0.809 ECOS2WP820BA 35 x 35 2.13 2.98 0.468 0.210 ECOS2TP391EX 25 x 25 0.83 1.16 2.022 0.809 ECOS2WP820CA 35 x 40 2.13 2.98 0.468 0.210 ECOS2TP391EA 100 22 x 35 0.93 1.30 1.658 0.663 ECOS2WP101BA 470 30 x 50 2.39 3.35 0.388 0.175 ECOS2TP471DA 35 x 20 0.52 0.73 1.989 0.796 ECOS2WP101EL 35 x 40 2.39 3.35 0.388 0.175 ECOS2TP471EX 120 22 x 40 1.04 1.46 1.382 0.553 ECOS2WP121BA 35 x 45 2.39 3.35 0.388 0.175 ECOS2TP471EA 25 x 30 1.04 1.46 1.382 0.553 ECOS2WP121CA 560 35 x 45 2.69 3.77 0.326 0.147 ECOS2TP561EX 30 x 25 1.04 1.46 1.382 0.553 ECOS2WP121DA 35 x 50 2.69 3.77 0.326 0.147 ECOS2TP561EA 150 22 x 50 1.19 1.67 1.105 0.442 ECOS2WP151BA 680 35 x 50 3.00 4.20 0.268 0.121 ECOS2TP681EX 25 x 40 1.19 1.67 1.105 0.442 ECOS2WP151CA 30 x 30 1.19 1.67 1.105 0.442 ECOS2WP151DA 47 22 x 20 0.25 0.35 3.527 1.235 ECOS2GP470BL 180 25 x 40 1.35 1.89 0.921 0.368 ECOS2WP181CX 22 x 25 0.47 0.66 3.527 1.235 ECOS2GP470BA 25 x 45 1.35 1.89 0.921 0.368 ECOS2WP181CA 68 22 x 25 0.69 0.97 2.438 0.853 ECOS2GP680BA 30 x 30 1.35 1.89 0.921 0.368 ECOS2WP181DX 25 x 20 0.35 0.49 2.926 1.024 ECOS2GP680CL 30 x 35 1.35 1.89 0.921 0.368 ECOS2WP181DA 82 22 x 25 0.83 1.16 2.022 0.708 ECOS2GP820BA 35 x 25 1.35 1.89 0.921 0.368 ECOS2WP181EA 100 22 x 30 0.92 1.29 1.658 0.580 ECOS2GP101BA 220 25 x 45 1.55 2.17 0.754 0.301 ECOS2WP221CX 25 x 25 0.92 1.29 1.658 0.580 ECOS2GP101CA 25 x 50 1.55 2.17 0.754 0.301 ECOS2WP221CA 30 x 20 0.47 0.66 1.989 0.696 ECOS2GP101DL 30 x 35 1.55 2.17 0.754 0.301 ECOS2WP221DX 120 22 x 35 1.02 1.43 1.382 0.484 ECOS2GP121BA 30 x 40 1.55 2.17 0.754 0.301 ECOS2WP221DA 25 x 25 1.02 1.43 1.382 0.484 ECOS2GP121CX 35 x 30 1.55 2.17 0.754 0.301 ECOS2WP221EA 150 22 x 40 1.16 1.62 1.105 0.387 ECOS2GP151BA 270 30 x 45 1.78 2.49 0.675 0.270 ECOS2WP271DA 25 x 30 1.16 1.62 1.105 0.387 ECOS2GP151CA 35 x 30 1.78 2.49 0.614 0.246 ECOS2WP271EX 400 VDC Working, 450 VDC Surge (continued) Size (mm) Max. 85°C R.C. (Arms) D x L 385 VDC Working, 435 VDC Surge D x L 350 VDC Working, 400 VDC Surge (continued) Max. 20°C ESR ( Ω Ω Ω Ω) Max. 20°C ESR ( Ω Ω Ω Ω) Max. 85°C R.C. (Arms) Size (mm) 420 VDC Working, 470 VDC Surge 450 VDC Working, 500 VDC Surge 400 VDC Working, 450 VDC Surge Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation. Large Can Aluminum Electrolytic Capacitors |