Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AP-CF002GK7FS-NR Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

No. de pieza AP-CF002GK7FS-NR
Descripción Electrónicos  Value Added CompactFlash Series5
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF002GK7FS-NR Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AP-CF002GK7FS-NR Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF002GK7FS-NR Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF002GK7FS-NR Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF002GK7FS-NR Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-CF002GK7FS-NR Datasheet HTML 13Page - List of Unclassifed Manufacturers AP-CF002GK7FS-NR Datasheet HTML 14Page - List of Unclassifed Manufacturers AP-CF002GK7FS-NR Datasheet HTML 15Page - List of Unclassifed Manufacturers AP-CF002GK7FS-NR Datasheet HTML 16Page - List of Unclassifed Manufacturers AP-CF002GK7FS-NR Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Compact Flash 5 series
AP-CFxxxxK7XS-XXXXXX
7. Physical Characteristics
7.1 Dimension
TABLE 7-1: Type I CFC physical specification
Length:
36.40 +/- 0.15mm (1.433+/- 0.06 in.)
Width:
42.80 +/- 0.10mm (1.685+/- 0.04 in.)
Thickness (Including Label Area):
3.3mm+/-0.10mm (0.130+/-0.04in.)
Unit: mm
FIGURE 7-1: Physical dimension
12
© 2011 Apacer Technology Inc.
Rev. 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com