Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EM260-RTR Datasheet(PDF) 41 Page - Silicon image

No. de pieza EM260-RTR
Descripción Electrónicos  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILICONIMAGE [Silicon image]
Página de inicio  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Datasheet(HTML) 41 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 37Page - Silicon image EM260-RTR Datasheet HTML 38Page - Silicon image EM260-RTR Datasheet HTML 39Page - Silicon image EM260-RTR Datasheet HTML 40Page - Silicon image EM260-RTR Datasheet HTML 41Page - Silicon image EM260-RTR Datasheet HTML 42Page - Silicon image EM260-RTR Datasheet HTML 43Page - Silicon image EM260-RTR Datasheet HTML 44Page - Silicon image EM260-RTR Datasheet HTML 45Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
EM260
Page 41
120-0260-000M Rev 1.1
Figure 16. EM260 Taiwan (AESCL) Package Drawing
Table 18. Package Dimensions
Package type
SCM 40QFN 6x6
ASECL 40QFN 6x6
Dimensions
Minimum
(mm)
Maximum
(mm)
Nominal
(mm)
Minimum
(mm)
Maximum
(mm)
Nominal
(mm)
Package thickness
0.80
1.00
0.90
0.80
0.90
0.85
Lead Length
0.30
0.50
0.40
0.35
0.45
0.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50