| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SDM10K45 Datasheet(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
SDM10K45 Datasheet(HTML) 2 Page - Diodes Incorporated |
|
2 / 2 page ![]() DS30256 Rev. 9 - 2 2 of 2 SDM10K45 0 0 20 40 25 50 75 100 125 150 T , AMBIENT TEMPERATURE ( °C) A Fig. 1 Forward Current Derating Curve 60 80 100 T = 125 °C j 0.1 1.0 10 100 0 200 400 600 800 1.0 V , INSTANTANEOUS FORWARD VOLTAGE (V) F Fig. 2 Typical Forward Characteristics T = -25ºC A T = 25ºC A T = 125ºC A T = 75ºC A 10 0 20 30 40 V , INSTANTANEOUS REVERSE VOLTAGE (V) R Fig. 3 Typical Reverse Characteristics T = 125ºC A T = 75ºC A T = 25ºC A 100 10 1.0 0.1 0.01 1000 1.0 10 100 0 15 10 25 30 35 20 40 V , REVERSE VOLTAGE (V) R Fig. 4 Total Capacitance vs. Reverse Voltage 5.0 T = 25 °C j f = 1MHz Marking Information LG Product Type Code Marking Cathode Band |