| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
561-FSTP1000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
561-FSTP1000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 2 page ![]() Female Circuit Board Posts - Self Threading 561-FSTP250, 561-FSTP375, 561-FSTP500, 561-FSTP625, 561-FSTP750, 561-FSTP875, 561-FSTP1000 EPD-200795 Date Last Revised: 5-12-09 HEX OD B B A A POST DIAMETER HOLE SIZE - .156 PANEL THICKNESS - 1/16” CORE DEPTH CORE DEPTH WASHER THICKNESS NOTE: Self Threading Posts are designed for use with a #6 self-tapping screw. LOCK LENGTH • Material - molded in natural nylon 6/6 RoHS Compliant Available from Mouser Electronics 1-800-346-6873 / www.mouser.com Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation. 561-FSTP250 FSTP 250 .312 (+/- .015) .062 (+/-.015) .400*(ref.) .218(+/-.015) .312 .156 .062 .250(+/-.015) 561-FSTP375 FSTP 375 .312 (+/- .015) .062 (+/-.015) .400*(ref.) .218(+/-.015) .312 .156 .620 .375(+/-.015) 561-FSTP500 FSTP 500 .312 (+/- .015) .062 (+/-.015) .400*(ref.) .218(+/-.015) .312 .156 .062 .500(+/-.015) 561-FSTP625 FSTP 625 .312 (+/- .015) .062 (+/-.015) .400*(ref.) .218(+/-.015) .312 .156 .062 .625(+/-.015) 561-FSTP750 FSTP 750 .312 (+/- .015) .062 (+/-.015) .400*(ref.) .218(+/-.015) .312 .156 .062 .750(+/-.015) 561-FSTP875 FSTP 875 .312 (+/- .015) .062 (+/-.015) .400*(ref.) .218(+/-.015) .312 .156 .062 .875(+/-.015) 561-FSTP1000 FSTP 1000 .312 (+/- .015) .062 (+/-.015) .400*(ref.) .218(+/-.015) .312 .156 .062 1.000(+/-.015) Head Dia. A Description Hex OD Washer Thickness Lock Length Post Diameter Core Depth Specifications Description Hole Size Panel Thickness Body Length |
Número de pieza similar - 561-FSTP1000 |
|
Descripción similar - 561-FSTP1000 |