| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KBP201G Datasheet(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
KBP201G Datasheet(HTML) 2 Page - Diodes Incorporated |
|
2 / 2 page ![]() DS21205 Rev. F-2 2 of 2 KBP2005G-KBP210G 0 0.1 1.0 10 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 V , INSTANTANEOUS FWD VOLTAGE (V) Fig.2 Typical Fwd Characteristics F T = 150°C J T = 25°C J Pulse Width = 300 µs 0 80 20 60 40 100 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current T = 150°c Single Half Sine Wave (JEDEC Method) j 1 10 100 1 10 100 V , REVERSE VOLTAGE (V) Fig.4 Typical Junction Capacitance R T = 25°C f = 1MHz j 0.01 0.1 1.0 10 100 1000 10,000 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig.5 Typical Reverse Characteristics T = 125°C j T = 100°C j T = 25°C j T = 150°C j 0 0.5 1.0 1.5 2.0 0 50 100 150 T, TEMPERATURE (°C) Fig. 1 Forward Current Derating Curve Ambient Case Lead |