Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5801 Datasheet(PDF) 2 Page - Analog Devices

No. de pieza AD5801
Descripción Electrónicos  Tape and Reel Packaging
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5801 Datasheet(HTML) 2 Page - Analog Devices

  AD5801 Datasheet HTML 1Page - Analog Devices AD5801 Datasheet HTML 2Page - Analog Devices AD5801 Datasheet HTML 3Page - Analog Devices AD5801 Datasheet HTML 4Page - Analog Devices AD5801 Datasheet HTML 5Page - Analog Devices AD5801 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Pin 1 Orientation
Devices are reeled so that Pin 1 is oriented properly with the direction of feed and round sprocket holes. Pin 1 orientation
is denoted as C1 to C4, or M1, with respect to the direction of feed and round sprocket holes, as illustrated below.
M1
DIRECTION OF FEED
ROUND
SPROCKET
HOLES
C1
C4
C2
C3
NBSOIC (C1)
SSOP, TSSOP, AND MSOP (C1)
SOT-23 (C4)
SOT-23 (C4)
WBSOIC (C1)
TQFP, LQFP, MQFP, AND LPCC (C2)
PLCC (M1)
DIRECTION OF FEED
DIRECTION OF FEED
DIRECTION OF FEED
DIRECTION OF FEED
DIRECTION OF FEED
DIRECTION OF FEED
DIRECTION OF FEED
Figure 2. Pin 1 orientation reference.
Figure 3. Examples of standard Pin 1 orientation.
2
| Tape and Reel Packaging



Html Pages

1 2 3 4 5 6