Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAW56T Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza BAW56T
Descripción Electrónicos  SURFACE MOUNT FAST SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAW56T Datasheet(HTML) 2 Page - Diodes Incorporated

  BAW56T Datasheet HTML 1Page - Diodes Incorporated BAW56T Datasheet HTML 2Page - Diodes Incorporated BAW56T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30260 Rev. 3 - 2
2 of 3
BAS16T, BAW56T, BAV70T, BAV99T
0
50
100
150
200
300
200
250
100
150
50
0
Single diode loaded
Double diode loaded
Notes:
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Ordering Information (Note 3)
Device
Packaging
Shipping
BAS16T-7
SOT-523
3000/Tape & Reel
BAW56T-7
SOT-523
3000/Tape & Reel
BAV70T-7
SOT-523
3000/Tape & Reel
BAV99T-7
SOT-523
3000/Tape & Reel
0.0001
10
1
0.001
0.01
0.1
0
50
100
150
200
T , JUNCTION TEMPERATURE (
°C)
j
Fig. 3, Typical Reverse Characteristics
V = 20V
R
V = 75V
R
0.1
1000
100
10
400
600
800
1000
1200
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Fig. 2, Typical Forward Characteristics
T = +25°C
A
T = -25°C
A
T = +75°C
A
T = +125°C
A
T = +150°C
A
Notes:
1. Short duration test pulse to minimize self-heating effect.
2. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
85
¾
V
IR = 100mA
Forward Voltage (Note 1)
VF
¾
0.715
0.855
1.0
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Leakage Current (Note 1)
IR
¾
2.0
100
60
30
m
A
m
A
m
A
nA
VR = 75V
VR = 75V, Tj = 150°C
VR = 25V, Tj = 150°C
VR = 25V
Typical Total Capacitance
CT
¾
1.5
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾
4.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100W
Electrical Characteristics @ TA = 25°C unless otherwise specified



Html Pages

1 2 3