Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EP3CLS200 Datasheet(PDF) 1 Page - Altera Corporation

No. de pieza EP3CLS200
Descripción Electrónicos  1. Cyclone III Device Family Overview
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALTERA [Altera Corporation]
Página de inicio  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3CLS200 Datasheet(HTML) 1 Page - Altera Corporation

  EP3CLS200 Datasheet HTML 1Page - Altera Corporation EP3CLS200 Datasheet HTML 2Page - Altera Corporation EP3CLS200 Datasheet HTML 3Page - Altera Corporation EP3CLS200 Datasheet HTML 4Page - Altera Corporation EP3CLS200 Datasheet HTML 5Page - Altera Corporation EP3CLS200 Datasheet HTML 6Page - Altera Corporation EP3CLS200 Datasheet HTML 7Page - Altera Corporation EP3CLS200 Datasheet HTML 8Page - Altera Corporation EP3CLS200 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CIII51001-2.4
© 2012 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS, QUARTUS and STRATIX words and logos
are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark Office and in other countries. All other words and logos identified as
trademarks or service marks are the property of their respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its
semiconductor products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any products and
services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use of any information, product, or service
described herein except as expressly agreed to in writing by Altera. Altera customers are advised to obtain the latest version of device specifications before relying
on any published information and before placing orders for products or services.
Cyclone III Device Handbook
Volume 1
July 2012
Subscribe
ISO
9001:2008
Registered
1. Cyclone III Device Family Overview
Cyclone® III device family offers a unique combination of high functionality, low
power and low cost. Based on Taiwan Semiconductor Manufacturing Company
(TSMC) low-power (LP) process technology, silicon optimizations and software
features to minimize power consumption, Cyclone III device family provides the ideal
solution for your high-volume, low-power, and cost-sensitive applications. To address
the unique design needs, Cyclone III device family offers the following two variants:
■
Cyclone III—lowest power, high functionality with the lowest cost
■
Cyclone III LS—lowest power FPGAs with security
With densities ranging from about 5,000 to 200,000 logic elements (LEs) and
0.5 Megabits (Mb) to 8 Mb of memory for less than ¼ watt of static power
consumption, Cyclone III device family makes it easier for you to meet your power
budget. Cyclone III LS devices are the first to implement a suite of security features at
the silicon, software, and intellectual property (IP) level on a low-power and
high-functionality FPGA platform. This suite of security features protects the IP from
tampering, reverse engineering and cloning. In addition, Cyclone III LS devices
support design separation which enables you to introduce redundancy in a single
chip to reduce size, weight, and power of your application.
This chapter contains the following sections:
■
“Cyclone III Device Family Features” on page 1–1
■
“Cyclone III Device Family Architecture” on page 1–6
■
“Reference and Ordering Information” on page 1–12
Cyclone III Device Family Features
Cyclone III device family offers the following features:
Lowest Power FPGAs
■
Lowest power consumption with TSMC low-power process technology and
Altera® power-aware design flow
■
Low-power operation offers the following benefits:
■
Extended battery life for portable and handheld applications
■
Reduced or eliminated cooling system costs
■
Operation in thermally-challenged environments
■
Hot-socketing operation support
July 2012
CIII51001-2.4


Número de pieza similar - EP3CLS200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Altera Corporation
EP3CLS200 ALTERA-EP3CLS200 Datasheet
7Mb / 274P
Cyclone III Device Handbook
EP3CLS200 ALTERA-EP3CLS200 Datasheet
7Mb / 274P
This section provides a complete overview of all features relating to the Cyclone III device family
EP3CLS200 ALTERA-EP3CLS200 Datasheet
7Mb / 274P
Chapter Revision Dates
EP3CLS200 ALTERA-EP3CLS200 Datasheet
7Mb / 274P
Cyclone III Device Family Overview
EP3CLS200 ALTERA-EP3CLS200 Datasheet
6Mb / 348P
Cyclone III Device Handbook
December 2011
More results

Descripción similar - EP3CLS200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Altera Corporation
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE6E22I7 ALTERA-EP4CE6E22I7 Datasheet
372Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE10U14I7N ALTERA-EP4CE10U14I7N Datasheet
372Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
372Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
Cyclone III Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com