Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

B32922 Datasheet(PDF) 18 Page - EPCOS

No. de pieza B32922
Descripción Electrónicos  EMI Suppression Capacitors (MKP)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EPCOS [EPCOS]
Página de inicio  http://www.epcos.com
Logo EPCOS - EPCOS

B32922 Datasheet(HTML) 18 Page - EPCOS

Back Button B32922 Datasheet HTML 14Page - EPCOS B32922 Datasheet HTML 15Page - EPCOS B32922 Datasheet HTML 16Page - EPCOS B32922 Datasheet HTML 17Page - EPCOS B32922 Datasheet HTML 18Page - EPCOS B32922 Datasheet HTML 19Page - EPCOS B32922 Datasheet HTML 20Page - EPCOS B32922 Datasheet HTML 21Page - EPCOS B32922 Datasheet HTML 22Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Display of ordering codes for EPCOS products
The ordering code for one and the same product can be represented differently in data sheets,
data books, other publications and the website of EPCOS, or in order-related documents such as
shipping notes, order confirmations and product labels. The varying representations of the
ordering codes are due to different processes employed and do not affect the
specifications of the respective products. Detailed information can be found on the Internet
under www.epcos.com/orderingcodes.
B32921C/D ... B32928C/D
X2 / 305 V AC
Page 18 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22