| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DS1302 Datasheet(PDF) 13 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS1302 Datasheet(HTML) 13 Page - Dallas Semiconductor |
|
13 / 14 page ![]() DS1302 13 of 14 DS1302S SERIAL TIMEKEEPER 8–PIN SOIC (150-MIL AND 200-MIL) PKG 8-PIN (150 MIL) 8-PIN (200 MIL) DIM MIN MAX MIN MAX A IN. MM 0.188 4.78 0.196 4.98 0.203 5.16 0.213 5.41 B IN. MM 0.150 3.81 0.158 4.01 0.203 5.16 0.213 5.41 C IN. MM 0.048 1.22 0.062 1.57 0.070 1.78 0.074 1.88 E IN. MM 0.004 0.10 0.010 0.25 0.004 0.10 0.010 0.25 F IN. MM 0.053 1.35 0.069 1.75 0.074 1.88 0.084 2.13 G IN. MM 0.050 BSC 1.27 BSC H IN. MM 0.230 5.84 0.244 6.20 0.302 7.67 0.318 8.08 J IN. MM 0.007 0.18 0.011 0.28 0.006 0.15 0.010 0.25 K IN. MM 0.012 0.30 0.020 0.51 0.013 0.33 0.020 0.51 L IN. MM 0.016 0.41 0.050 1.27 0.019 0.48 0.030 0.76 phi 0 ° 8 ° 0 ° 8 ° |