| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BAR40CS3 Datasheet(PDF) 1 Page - Cystech Electonics Corp. |
|
|
|||||||||||||||||||||||||||||
BAR40CS3 Datasheet(HTML) 1 Page - Cystech Electonics Corp. |
|
1 / 6 page ![]() CYStech Electronics Corp. Spec. No. : C302S346.13 Revised Date : 2012.02.10 Page No. : 1/7 BAR40S3/BAR40AS3/BAR40CS3/BAR40SS3 CYStek Product Specification Small Signal Schottky (double) diodes BAR40S3/BAR40AS3 BAR40CS3/BAR40SS3 Description Planar silicon Schottky barrier diodes encapsulated in a SOT-323 small plastic SMD package. Single diodes and double diodes with different pinning are available. Features •Very small conduction losses •Low forward voltage drop •Small plastic SMD package •Pb-free package Applications •Ultra high-speed switching •Voltage clamping •Protection circuits •Blocking diodes Pinning Outline Description Pin BAR40 BAR40A BAR40C BAR40S 1 A K1 A1 A1 2 NC K2 A2 K2 3 K A1,A2 K1,K2 K1,A1 2 3 1 N.C. 12 3 1 2 3 3 2 1 SOT-323 1 2 3 (1) BAR40 (2)BAR40A Marking: Type Marking Code BAR40 S3 B4 BAR40AS3 B7 (3)BAR40C (4)BAR40S BAR40CS3 5C BAR40SS3 B8 Diode configuration and symbol |
Número de pieza similar - BAR40CS3 |
|
Descripción similar - BAR40CS3 |