| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UMMSZ52XXBG-AE2-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UMMSZ52XXBG-AE2-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD UMMSZ52XXB Preliminary ZENER DIODE www.unisonic.com.tw 1 of 4 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R601-085.d SURFACE MOUNT SILICON ZENER DIODE DESCRIPTION The UTC UMMSZ52XXB is a surface mount silicon zener diode, it uses UTC’s advanced technology to provide customers with low reverse leakage current, etc. The UTC UMMSZ52XXB is suitable for automated assembly processes. FEATURES * Low reverse leakage current SYMBOL SOT-23-3 SOD-123/SOD-323 SOD-523/LL34 SOD-523 SOT-23-3 (JEDEC TO-236) 1 3 2 SOD-323 SOD-123 1 2 1 2 1 2 LL-34 1 2 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 UMMSZ52XXBL-AE2-R UMMSZ52XXBG-AE2-R SOT-23-3 NC A K Tape Reel UMMSZ52XXBL-CA2-R UMMSZ52XXBG-CA2-R SOD-123 A K - Tape Reel UMMSZ52XXBL-CB2-R UMMSZ52XXBG-CB2-R SOD-323 A K - Tape Reel UMMSZ52XXBL-CC2-R UMMSZ52XXBG-CC2-R SOD-523 A K - Tape Reel UMMSZ52XXBL-LL34-R UMMSZ52XXBG-LL34-R LL-34 A K - Tape Reel Note: Pin Assignment: A: Anode, K: Cathode (1) R: Tape Reel (2) AE2: SOT-23-3, CA2 : SOD-123, CB2: SOD-323 CC2: SOD-523, LL34: LL-34 (3) L: Lead Free, G: Halogen Free (4) refer to ELECTRICAL CHARACTERISTICS UMMSZ52XXBL-AE2-R (1)Packing Type (2)Package Type (3)Lead Free (4)Output Voltage |
Número de pieza similar - UMMSZ52XXBG-AE2-R |
|
Descripción similar - UMMSZ52XXBG-AE2-R |