Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

W185 Datasheet(PDF) 2 Page - Cypress Semiconductor

No. de pieza W185
Descripción Electrónicos  Six Output Peak Reducing EMI Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W185 Datasheet(HTML) 2 Page - Cypress Semiconductor

  W185 Datasheet HTML 1Page - Cypress Semiconductor W185 Datasheet HTML 2Page - Cypress Semiconductor W185 Datasheet HTML 3Page - Cypress Semiconductor W185 Datasheet HTML 4Page - Cypress Semiconductor W185 Datasheet HTML 5Page - Cypress Semiconductor W185 Datasheet HTML 6Page - Cypress Semiconductor W185 Datasheet HTML 7Page - Cypress Semiconductor W185 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
W185
2
Pin Definitions
Pin Name
Pin No.
Pin
Type
Pin Description
CLK0:5
9, 11, 12, 13,
15, 17
O
Modulated Frequency Outputs: Frequency modulated copies of the unmod-
ulated input clock (SSON# asserted).
CLKIN or X1
3
I
Crystal Connection or External Reference Frequency Input: This pin has
dual functions. It may either be connected to an external crystal, or to an
external reference clock.
NC or X2
4
I
Crystal Connection: If using an external reference, this pin must be left un-
connected.
SS%
6
I
Modulation Width Selection: When Spread Spectrum feature is turned on,
this pin is used to select the amount of variation and peak EMI reduction that
is desired on the output signal. This pin has an internal pull-up resistor.
Reset
23
I
Modulation Profile Restart: A rising edge on this input restarts the modulation
pattern at the beginning of its defined path. This pin has an internal pull-down
resistor.
REFOUT
1
O
Non-Modulated Output: This pin provides a copy of the reference frequency.
This output will not have the Spread Spectrum feature enabled regardless of
the state of logic input SSON#.
EN1:2
18, 7
I
Output Enable Select Pins: These pins control the activity of specific output
buffers. See Table 3 on page 1.
SSON#
24
I
Spread Spectrum Control (Active LOW): Asserting this signal (active LOW)
turns the internal modulation waveform on. This pin has an internal pull-down
resistor.
FS1:2
22, 2
I
Frequency Selection Bit 1 and 2: These pins select the frequency of opera-
tion. Refer to Table 1. These pins have internal pull-up resistors.
VDD
10, 16, 20, 21
P
Power Connection: Connected to 3.3V or 5V power supply.
GND
5, 8, 14
G
Ground Connection: This should be connected to the common ground plane.
NC
19
NC
No Connect: This pin should be left floating.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com