6 / 8 page

W180
6
DC Electrical Characteristics: 0°C < TA < 70°C, VDD = 5V ±10%
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
IDD
Supply Current
30
50
mA
tON
Power Up Time
First locked clock cycle after
Power Good
5ms
VIL
Input Low Voltage
0.15VDD
V
VIH
Input High Voltage
0.7VDD
V
VOL
Output Low Voltage
0.4
V
VOH
Output High Voltage
2.4
V
IIL
Input Low Current
Note 2
–50
µA
IIH
Input High Current
Note 2
50
µA
IOL
Output Low Current
@ 0.4V, VDD = 5V
24
mA
IOH
Output High Current
@ 2.4V, VDD = 5V
24
mA
CI
Input Capacitance
7pF
RP
Input Pull-Up Resistor
500
k
Ω
ZOUT
Clock Output Impedance
25
Ω
AC Electrical Characteristics: TA = 0°C to +70°C, VDD = 3.3V ±5% or 5V±10%
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit.
fIN
Input Frequency (-01)
Input Clock, Note 3
8
28
MHz
fOUT
Output Frequency (-01)
Spread Off, Note 3
8
28
MHz
tR
Output Rise Time
15-pF load 0.8V–2.4V
2
5
ns
tF
Output Fall Time
15-pF load 2.4 –0.8V
2
5
ns
tOD
Output Duty Cycle
15-pF load
40
60
%
tID
Input Duty Cycle
40
60
%
tJCYC
Jitter, Cycle-to-Cycle
250
300
ps
Harmonic Reduction
fout = 20 MHz, third harmonic
measured, reference board,
15-pF load
8dB
Notes:
2.
Inputs FS1:2 have a pull-up resistor; Input SSON# has a pull-down resistor.
3.
Frequency range listed for -01 version. See Table 2 for frequency range of -02 and -03 versions.