| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ECQE2104F Datasheet(PDF) 5 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECQE2104F Datasheet(HTML) 5 Page - Panasonic Semiconductor |
|
5 / 19 page ![]() Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. −FC36− Plastic Film Capacitors ●Rated voltage : 630 VDC, Capacitance tolerance : ±5 %(J), ±10 %(K) Suffix for lead crimped or taped type. Cap. tol. code ▲ ▲ style D:0.010 µF to 0.047 µF style B:0.0010 µF to 0.0082 µF, 0.056 µF to 2.2 µF Part No. 0.0010 10.0 4.5 9.5 14.5 7.5 5.0 1.0 0.60 0.0012 10.0 4.5 10.0 15.0 7.5 5.0 1.0 0.60 0.0015 10.0 4.5 10.0 15.0 7.5 5.0 1.0 0.60 0.0018 10.0 4.5 10.0 15.0 7.5 5.0 1.0 0.60 0.0022 10.0 4.5 10.0 15.0 7.5 5.0 1.0 0.60 0.0027 10.0 4.5 10.0 15.0 7.5 5.0 1.0 0.60 0.0033 10.0 4.5 10.0 15.0 7.5 5.0 1.0 0.60 0.0039 10.0 4.5 10.0 15.0 7.5 5.0 1.0 0.60 0.0047 12.0 4.5 10.0 15.0 10.0 7.5 1.0 0.60 0.0056 12.0 4.5 10.0 15.0 10.0 7.5 1.0 0.60 0.0068 12.0 4.9 10.0 15.0 10.0 7.5 1.0 0.60 0.0082 12.0 4.5 10.0 15.0 10.0 7.5 1.0 0.60 0.010 12.0 4.5 7.5 12.5 10.0 10.0 1.0 0.60 0.012 12.0 4.5 7.8 12.8 10.0 10.0 1.0 0.60 0.015 12.0 5.0 8.2 13.2 10.0 10.0 1.0 0.60 0.018 12.0 4.9 10.0 15.0 10.0 10.0 1.0 0.60 0.022 12.0 5.3 10.5 15.5 10.0 10.0 1.0 0.60 0.027 12.0 5.5 10.9 15.9 10.0 10.0 1.0 0.60 0.033 12.0 6.0 11.9 16.9 10.0 10.0 1.0 0.60 0.039 12.0 6.0 13.4 18.4 10.0 10.0 1.0 0.60 0.047 12.0 6.5 13.5 18.5 10.0 10.0 1.0 0.60 0.056 18.5 5.4 10.5 15.5 15.0 10.0 1.0 0.60 0.068 18.5 5.8 11.0 16.0 15.0 10.0 1.0 0.60 0.082 18.5 6.5 12.0 17.0 15.0 10.0 1.0 0.60 0.10 18.5 6.3 14.0 19.0 15.0 10.0 1.0 0.60 0.12 18.5 6.3 14.5 19.5 15.0 10.0 1.0 0.80 0.15 18.5 7.5 15.4 20.4 15.0 10.0 1.0 0.80 0.18 18.5 8.0 16.0 21.0 15.0 10.0 1.0 0.80 0.22 18.5 9.0 16.5 21.5 15.0 10.0 1.0 0.80 0.27 26.0 7.0 16.5 21.5 22.5 15.0 1.0 0.80 0.33 26.0 7.8 17.0 22.0 22.5 15.0 1.0 0.80 0.39 26.0 8.5 17.9 22.9 22.5 15.0 1.0 0.80 0.47 26.0 9.3 18.5 23.5 22.5 15.0 1.0 0.80 0.56 26.0 10.0 20.0 25.0 22.5 15.0 1.5 0.80 0.68 26.0 11.5 21.0 26.0 22.5 15.0 1.5 0.80 0.82 31.0 11.3 20.5 25.5 27.5 22.5 1.5 0.80 1.0 31.0 12.5 21.9 26.9 27.5 22.5 1.5 0.80 1.2 31.0 13.5 23.0 28.0 27.5 22.5 1.5 0.80 1.5 31.0 15.3 24.7 29.7 27.5 22.5 1.5 0.80 1.8 31.0 16.8 27.0 32.0 27.5 22.5 1.5 0.80 2.2 31.0 19.5 29.0 34.0 27.5 22.5 1.5 0.80 ECQE6102 □F( ) ECQE6122 □F( ) ECQE6152 □F( ) ECQE6182 □F( ) ECQE6222 □F( ) ECQE6272 □F( ) ECQE6332 □F( ) ECQE6392 □F( ) ECQE6472 □F( ) ECQE6562 □F( ) ECQE6682 □F( ) ECQE6822 □F( ) ECQE6103 □F( ) ECQE6123 □F( ) ECQE6153 □F( ) ECQE6183 □F( ) ECQE6223 □F( ) ECQE6273 □F( ) ECQE6333 □F( ) ECQE6393 □F( ) ECQE6473 □F( ) ECQE6563 □F( ) ECQE6683 □F( ) ECQE6823 □F( ) ECQE6104 □F( ) ECQE6124 □F( ) ECQE6154 □F( ) ECQE6184 □F( ) ECQE6224 □F( ) ECQE6274 □F( ) ECQE6334 □F( ) ECQE6394 □F( ) ECQE6474 □F( ) ECQE6564 □F( ) ECQE6684 □F( ) ECQE6824 □F( ) ECQE6105 □F( ) ECQE6125 □F( ) ECQE6155 □F( ) ECQE6185 □F( ) ECQE6225 □F( ) Cap. (µF) 1000 − 1000 500 400 300 1000 500 400 −− 500 − Dimensions (mm) L max. T max. φd H max. Straight Crimped lead Straight F Crimped lead S Straight G max. 500 Min. order Q'ty Taping Standard 5 mm Odd size 5 mm Odd size 7.5 mm Bulk p Œ ¯ ¶ ‚ /P33-52 12.11.14 19:29 y [ W 36 |