| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS43L41-KZ Datasheet(PDF) 34 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS43L41-KZ Datasheet(HTML) 34 Page - Cirrus Logic |
|
34 / 36 page ![]() CS43L41 34 DS473PP1 10. PACKAGE DIMENSIONS Notes: 1. “D” and “E1” are reference datums and do not included mold flash or protrusions, but do include mold mismatch and are measured at the parting line, mold flash or protrusions shall not exceed 0.20 mm per side. 2. Dimension “b” does not include dambar protrusion/intrusion. Allowable dambar protrusion shall be 0.13 mm total in excess of “b” dimension at maximum material condition. Dambar intrusion shall not reduce dimension “b” by more than 0.07 mm at least material condition. 3. These dimensions apply to the flat section of the lead between 0.10 and 0.25 mm from lead tips. INCHES MILLIMETERS NOTE DIM MIN MAX MIN MAX A -- 0.043 -- 1.10 A1 0.002 0.006 0.05 0.15 A2 0.034 0.037 0.85 0.95 b 0.008 0.012 0.19 0.30 2,3 D 0.193 0.201 4.90 5.10 1 E 0.248 0.256 6.30 6.50 E1 0.169 0.177 4.30 4.50 1 e -- 0.026 -- 0.65 L 0.020 0.028 0.50 0.70 ∝ 0° 8° 0° 8° 16L TSSOP (4.4 mm BODY) PACKAGE DRAWING E N 1 23 e b2 A1 A2 A D SEATING PLANE E11 L SIDE VIEW END VIEW TOP VIEW ∝ |