Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L9733 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza L9733
Descripción Electrónicos  Octal self configuring low/high side driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9733 Datasheet HTML 3Page - STMicroelectronics L9733 Datasheet HTML 4Page - STMicroelectronics L9733 Datasheet HTML 5Page - STMicroelectronics L9733 Datasheet HTML 6Page - STMicroelectronics L9733 Datasheet HTML 7Page - STMicroelectronics L9733 Datasheet HTML 8Page - STMicroelectronics L9733 Datasheet HTML 9Page - STMicroelectronics L9733 Datasheet HTML 10Page - STMicroelectronics L9733 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
L9733
Pin description
Doc ID 11319 Rev 11
7/34
Note:
The exposed slug must be soldered on the PCB and connected to GND.
19
DRN5
Drain pin of configurable driver #5 (0.7
 Rds
on @ +25 °C)
20
DRN6
Drain pin of configurable driver #6 (0.7
 Rds
on @ +25 °C)
21
SRC6
Source pin of configurable driver #6 (0.7
 Rds
on @ +25 °C)
22
SRC7
Source pin of configurable driver #7 (0.7
 Rds
on @ +25 °C)
23
DRN7
Drain pin of low-side driver #7 (0.7
 Rds
on @ +25 °C)
24
DRN8
Drain pin of low-side driver #8 (0.7
 Rds
on @ +25 °C)
25
SRC8
Source pin of configurable driver #8 (0.7
 Rds
on @ +25 °C)
26
DI
SPI data in
27
DO
SPI data out
28
VDO
Microcontroller logic interface voltage
Table 2.
Pin description (continued)
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34