| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
G9HG-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
G9HG-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD UG9H Preliminary DUAL TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2013 Unisonic Technologies Co., Ltd QW-R218-026.b GENERAL PURPOSE (DUAL DIGITAL TRANSISTORS) DESCRIPTION The UTC UG9H is a dual digital transistor, the transistor elements are independent and obviating interference, so the mounting cost and area can be cut in half. FEATURES * Mounting cost and area can be cut in half. * Transistor elements are independent, obviating interference. EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Packing Lead Free Halogen Free 1 2 3 4 5 6 UG9HL-AG6-R UG9HG-AG6-R SOT-26 G1 I1 O2 G2 I2 O1 Tape Reel Note: Pin Assignment: G: GND I: Input O: Output MARKING INFORMATION |
Número de pieza similar - G9HG-AG6-R |
|
Descripción similar - G9HG-AG6-R |