| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UCD4071BL-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UCD4071BL-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD UCD4071B Preliminary CMOS IC www.unisonic.com.tw 1 of 5 Copyright © 2013 Unisonic Technologies Co., Ltd QW-R502-520.c QUAD 2-INPUT OR BUFFERED B SERIES GATE DESCRIPTION The UTC UCD4071B contains four independent 2-input OR gates and they perform the function Y=A+B in positive logic. FEATURES * 5V-10V-15V Parametric Ratings * Quad 2-Input OR Gate * Symmetrical Output Characteristics * Maximum Input Current of 1uA at 15V Over Full Package Temper- ature * Low Power TTL: Fan Out of 2 Driving 74L or 1 Driving 74LS Compatibility SOP-14 ORDERING INFORMATION Ordering Number Package Packing Lead Free Halogen Free UCD4071BL-S14-R UCD4071BG-S14-R SOP-14 Tape Reel |
Número de pieza similar - UCD4071BL-S14-R |
|
Descripción similar - UCD4071BL-S14-R |