| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
U74HC74G-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74HC74G-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD U74HC74 CMOS IC www.unisonic.com.tw 1 of 5 Copyright © 2010 Unisonic Technologies Co., Ltd QW-R502-385.A DUAL D FLIP-FLOP WITH SET AND RESET,POSITIVE-EDGEN TRIGGER DESCRIPTION The U74HC74 contains dual D flip-flops and each flip-flop has independent DATA, SET , RESET and clock inputs and complementary outputs Q and Q . A low level at appropriate input helps SET and RESET adjust the output. Data will be transferred to the output during the low-to-high transition of the CLK while SET and RESET are high. FEATURES * Operation Voltage Range: 2~6V * Buffered Inputs * Asynchronous Set and Reset * Complementary Outputs * High Noise Immunity ORDERING INFORMATION Ordering Number Package Packing U74HC74G-P14-R TSSOP-14 Tape Reel U74HC74G-S14-R SOP-14 Tape Reel |
Número de pieza similar - U74HC74G-P14-R |
|
Descripción similar - U74HC74G-P14-R |