| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
U74CBT3306L-P08-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74CBT3306L-P08-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD U74CBT3306 Advance CMOS IC www.unisonic.com.tw 1 of 4 Copyright © 2013 Unisonic Technologies Co., Ltd QW-R502-941.A DUAL FET BUS SWITCH DESCRIPTION The U74CBT3306 dual FET bus switch features independent line switches. Each switch is disabled when the associated output-enable ( OE ) input is high. FEATURES * 5-Ω Switch Connection Between Two Ports * TTL-Compatible Input Levels ORDERING INFORMATION Ordering Number Package Packing Lead Free Halogen Free U74CBT3306L-S08-T U74CBT3306G-S08-T SOP-8 Tube U74CBT3306L-S08-R U74CBT3306G-S08-R SOP-8 Reel Tape U74CBT3306L-P08-R U74CBT3306G-P08-R TSSOP-8 Reel Tape U74CBT3306L-S08-T (1)Packing Type (2)Package Type (1) T: Tube, R: Tape Reel (2) S08: SOP-8, P08: TSSOP-8 (3) L: Lead Free, G: Halogen Free (3)Halogen Free |
Número de pieza similar - U74CBT3306L-P08-R |
|
Descripción similar - U74CBT3306L-P08-R |