| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
U74ACT125L-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74ACT125L-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 6 page ![]() UNISONIC TECHNOLOGIES CO., LTD U74ACT125 CMOS IC www.unisonic.com.tw 1 of 6 Copyright © 2013 Unisonic Technologies Co., Ltd QW-R502-991.A QUAD BUFFER WITH 3-STATE OUTPUTS DESCRIPTION The U74ACT125 contains four independent non-inverting buffers with 3-STATE outputs. FEATURES * Outputs source/sink 24mA *ACT125 has TTL-compatible outputs SOP-14 ORDERING INFORMATION Ordering Number Package Packing Lead Free Halogen Free U74ACT125L-S14-R U74ACT125G-S14-R SOP-14 Tape Reel |
Número de pieza similar - U74ACT125L-S14-R |
|
Descripción similar - U74ACT125L-S14-R |