| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LMH6554LEENOPB Datasheet(PDF) 4 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMH6554LEENOPB Datasheet(HTML) 4 Page - National Semiconductor (TI) |
|
4 / 24 page ![]() LMH6554 SNOSB30O – OCTOBER 2008 – REVISED MARCH 2013 www.ti.com +5V Electrical Characteristics (1) (continued) Unless otherwise specified, all limits are ensured for TA = +25°C, AV = +2, V + = +2.5V, V− = −2.5V, R L = 200Ω, VCM = (V ++V- )/2, RF = 200Ω, for single-ended in, differential out. Boldface Limits apply at the temperature extremes. Symbol Parameter Conditions Min (2) Typ (3) Max (2) Units RIN Differential Input Resistance Differential 19 Ω CIN Differential Input Capacitance Differential 1 pF CMVR Input Common Mode Voltage Range CMRR > 32 dB ±1.25 ±1.3 V Output Performance Output Voltage Swing (3) Single-Ended Output ±1.35 ±1.42 V IOUT Output Current (3) VOUT = 0V ±120 ±150 mA One Output Shorted to Ground ISC Short Circuit Current 150 mA VIN = 2V Single-Ended (6) ΔVOUT Common Mode /ΔVOUT Output Balance Error −64 dB Differential, ΔVOD = 1V, f < 1 Mhz Output Common Mode Control Circuit Common Mode Small Signal VIN+ = VIN− = 0V 500 MHz Bandwidth Slew Rate VIN+ = VIN− = 0V 200 V/ μs VOSCM Input Offset Voltage Common Mode, VID = 0, VCM = 0V −16 −6.5 4 mV IOSCM Input Offset Current (7) 6 18 μA Voltage Range ±1.18 ±1.25 V CMRR Measure VOD, VID = 0V 82 dB Input Resistance 180 k Ω Gain ΔVOCM/ΔVCM 0.99 0.995 1.0 V/V Miscellaneous Performance ZT Open Loop Transimpedance Gain Differential 180 k Ω PSRR Power Supply Rejection Ratio DC, ΔV+ = ΔV− = 1V 74 95 dB 57 IS Supply Current (8) RL = ∞ 46 52 mA 60 Enable Voltage Threshold Single 5V Supply (9) 2.5 V Disable Voltage Threshold Single 5V Supply (9) 2.5 V Enable/Disable Time 15 ns 570 ISD Supply Current, Disabled Enable=0, Single 5V supply 450 510 μA 600 (6) Short circuit current should be limited in duration to no more than 10 seconds. See the Power Dissipation section of Application Information for more details. (7) Negative input current implies current flowing out of the device. (8) Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped production material. (9) VEN threshold is typically +/-0.3V centered around (V + + V-) / 2 relative to ground. 4 Submit Documentation Feedback Copyright © 2008–2013, Texas Instruments Incorporated Product Folder Links: LMH6554 |