| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L8401L-R16-T Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
L8401L-R16-T Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO.,LTD L8401 Preliminary LINEAR INTEGRATED CIRCUIT www.unisonic.com.tw 1 of 5 Copyright © 2013 Unisonic Technologies Co., Ltd QW-R123-018.a FET BIAS CONTROLLER DESCRIPTION The UTC L8401 is designed to bias the MOSFETs that are commonly used in LNBs that can implies minimum external components requires. FEATURES * Can Bias up to 4 FETs * Drain Current Adjustable by Two External Resistors. * Two Sets of Drain Current can be Setted. ORDERING INFORMATION Ordering Number Package Packing Lead Free Halogen Free L8401L-R16-T L8401G-R16-T SSOP-16 Tube L8401L-R16-R L8401G-R16-R SSOP-16 Tape Reel |
Número de pieza similar - L8401L-R16-T |
|
Descripción similar - L8401L-R16-T |