Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L8200L-Q16-3030-R Datasheet(PDF) 1 Page - Unisonic Technologies

No. de pieza L8200L-Q16-3030-R
Descripción Electrónicos  CONFIDENTIAL, SUPPLIDE UNDE NDA SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8200L-Q16-3030-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L8200L-Q16-3030-R Datasheet HTML 1Page - Unisonic Technologies L8200L-Q16-3030-R Datasheet HTML 2Page - Unisonic Technologies L8200L-Q16-3030-R Datasheet HTML 3Page - Unisonic Technologies L8200L-Q16-3030-R Datasheet HTML 4Page - Unisonic Technologies L8200L-Q16-3030-R Datasheet HTML 5Page - Unisonic Technologies L8200L-Q16-3030-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L8200
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R123-017.c
CONFIDENTIAL, SUPPLIDE
UNDE NDA SINGLE LNB-BIAS,
CONTROL AND POWER
MANAGEMENT SOLUTION
DESCRIPTION
The UTC L8200 is a single chip power management and
control solution for LNB’s. The highly integrate solution provides
all the required FET and mixer bias, control detection and
decoding, local oscillator switching and a stable power supply for
the IF amplifier an additional support functions. Packaged in a
small 16 pin QFN package or 20 pin HTSSOP package the UTC
L8200
only requires 3 external components providing a very small
compact solution. Being at the heart of the LNB monitoring the
control, power management and environmental conditions the
UTC L8200 is able to provide reliable solution eliminating effects
such as false switching and over loading.
FEATURES
* Single chip LNB bias, control and power management
* Integrated regulated supply for LNB
* Zero Gate FET switching
* Voltage detection for polarization switching
* 22kHz tone detector with signal rejection for band switching
* Programmable mixer and FET bias
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
L8200L-N20-R
L8200G-N20-R
HTSSOP-20
Tape Reel
L8200L-Q16-3030-R
L8200G-Q16-3030-R
QFN-16(3×3)
Tape Reel


Número de pieza similar - L8200L-Q16-3030-R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
L8200L-Q16-3030-R UTC-L8200L-Q16-3030-R Datasheet
149Kb / 6P
SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
More results

Descripción similar - L8200L-Q16-3030-R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
Single LNB Supply and Control Voltage Regulator
February 15, 2012
logo
Diodes Incorporated
ZXNB4202 DIODES-ZXNB4202 Datasheet
48Kb / 3P
SINGLE LNB - COMPLETE BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
DS32071 Rev. 2 - 5
ZXNB4204 DIODES-ZXNB4204 Datasheet
52Kb / 3P
SINGLE LNB - COMPLETE BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
Rev 2
logo
Allegro MicroSystems
A8290 ALLEGRO-A8290 Datasheet
381Kb / 20P
Single LNB Supply and Control Voltage Regulator
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
Single LNB Supply and Control Voltage Regulator
logo
Diodes Incorporated
ZXNB4204WV DIODES-ZXNB4204WV Datasheet
52Kb / 3P
SINGLE LNB - COMPLETE BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
Rev 2
ZXNB4202WV DIODES-ZXNB4202WV Datasheet
48Kb / 3P
SINGLE LNB - COMPLETE BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
Rev 2
logo
Unisonic Technologies
L8200 UTC-L8200_15 Datasheet
206Kb / 6P
SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
L8200 UTC-L8200_18 Datasheet
149Kb / 6P
SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
L8221 UTC-L8221 Datasheet
142Kb / 5P
SINGLE LNB?밄IAS, CONTROL AND POWER MANAGEMENT SOLUTION
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com