Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TP3022B Datasheet(PDF) 1 Page - Motorola, Inc

No. de pieza TP3022B
Descripción Electrónicos  NPN SILICON UHF POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TP3022B Datasheet(HTML) 1 Page - Motorola, Inc

  TP3022B Datasheet HTML 1Page - Motorola, Inc TP3022B Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TP3022B
MOTOROLA RF DEVICE DATA
The RF Line
UHF Power Transistor
The TP3022B is designed for common–emitter operation in the 900 MHz
mobile radio band. Use of gold metallization and silicon diffused ballast
resistors results in a medium power output/driver transistor with state–of–the–
art ruggedness and reliability.
• Specified 26 Volts, 960 MHz Characteristics:
Output Power = 15 Watts
Minimum Gain = 8.5 dB
IQ = 50 mA
• Class AB Operation
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
29
0.167
Vdc
Operating Junction Temperature
TJ
200
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case (1)
R
θJC
6.0
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS (1)
Collector–Emitter Breakdown Voltage
(IC = 10 mA, RBE = 75 Ohms)
V(BR)CER
40
Vdc
Collector–Emitter Leakage
(VCE = 26 V, RBE = 75 Ohms)
ICER
5.0
mA
Emitter–Base Breakdown Voltage
(IC = 5.0 mAdc)
V(BR)EBO
3.5
Vdc
Emitter–Base Leakage
(VBE = 2.5 V)
IEBO
1.0
mA
ON CHARACTERISTICS
DC Current Gain
(IC = 500 mA, VCE = 10 V)
hFE
15
100
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 24 V, IE = 0, f = 1.0 MHz)
Cob
17
25
pF
FUNCTIONAL TESTS
Common–Emitter Amplifier Power Gain
(VCE = 26 V, Pout = 15 W, f = 960 MHz, IQ = 50 mA)
GPE
8.5
dB
Collector Efficiency
(VCE = 26 V, Pout = 15 W, f = 960 MHz, IQ = 50 mA)
ηc
45
%
NOTE:
1. Thermal resistance is determined under specified RF operating condition.
Order this document
by TP3022B/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
TP3022B
15 W, 960 MHz
NPN SILICON
UHF POWER
TRANSISTOR
CASE 319–07, STYLE 2
© Motorola, Inc. 1994


Número de pieza similar - TP3022B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
TP3020 NSC-TP3020 Datasheet
335Kb / 8P
MONOLITHIC CODECS
TP3020-1 NSC-TP3020-1 Datasheet
335Kb / 8P
MONOLITHIC CODECS
TP3020J NSC-TP3020J Datasheet
335Kb / 8P
MONOLITHIC CODECS
TP3020J-1 NSC-TP3020J-1 Datasheet
335Kb / 8P
MONOLITHIC CODECS
logo
Motorola, Inc
TP3021 MOTOROLA-TP3021 Datasheet
88Kb / 4P
UHF Power Transistor
More results

Descripción similar - TP3022B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
TP3005 MOTOROLA-TP3005 Datasheet
110Kb / 4P
UHF POWER TRANSISTOR NPN SILICON
TP3061 MOTOROLA-TP3061 Datasheet
118Kb / 6P
UHF POWER TRANSISTOR NPN SILICON
logo
ON Semiconductor
MMBTH10LT1 ONSEMI-MMBTH10LT1 Datasheet
52Kb / 6P
VHF/UHF Transistor (NPN Silicon)
December, 2003 ??Rev. 2
logo
Weitron Technology
MMBTH10 WEITRON-MMBTH10 Datasheet
224Kb / 5P
NPN Silicon VHF/UHF Transistor
logo
ON Semiconductor
MMBT918LT1 ONSEMI-MMBT918LT1 Datasheet
48Kb / 3P
VHF/UHF Transistor NPN Silicon
January, 2006 ??Rev. 5
logo
SEMTECH ELECTRONICS LTD...
MMBTH10 SEMTECH_ELEC-MMBTH10 Datasheet
130Kb / 1P
NPN Silicon VHF/UHF Transistor
logo
ON Semiconductor
MMBT918LT1G ONSEMI-MMBT918LT1G_09 Datasheet
118Kb / 3P
VHF/UHF Transistor NPN Silicon
August, 2009 ??Rev. 6
logo
Pan Jit International I...
MMBT918 PANJIT-MMBT918 Datasheet
142Kb / 3P
VHF/UHF NPN SILICON TRANSISTOR
MMBT918W PANJIT-MMBT918W Datasheet
97Kb / 3P
VHF/UHF NPN SILICON TRANSISTOR
MMBTH10 PANJIT-MMBTH10_06 Datasheet
154Kb / 5P
VHF/UHF NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com