Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NI9227 Datasheet(PDF) 7 Page - National Instruments Corporation

No. de pieza NI9227
Descripción Electrónicos  4-Channel Current Input C Series Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NI [National Instruments Corporation]
Página de inicio  http://www.NI.com
Logo NI - National Instruments Corporation

NI9227 Datasheet(HTML) 7 Page - National Instruments Corporation

  NI9227 Datasheet HTML 1Page - National Instruments Corporation NI9227 Datasheet HTML 2Page - National Instruments Corporation NI9227 Datasheet HTML 3Page - National Instruments Corporation NI9227 Datasheet HTML 4Page - National Instruments Corporation NI9227 Datasheet HTML 5Page - National Instruments Corporation NI9227 Datasheet HTML 6Page - National Instruments Corporation NI9227 Datasheet HTML 7Page - National Instruments Corporation NI9227 Datasheet HTML 8Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7/8
www.ni.com
Back to Top
2004/108/EC; Electromagnetic Compatibility Directive (EMC)
Online Product Certification
Refer to the product Declaration of Conformity (DoC) for additional regulatory compliance information. To obtain product certifications and the DoC for this product, visit
, search by module number or product line, and click the appropriate link in the Certification column.
ni.com/certification
Shock and Vibration
To meet these specifications, you must panel mount the system and either affix ferrules to the ends of the terminal wires or use the NI 9971 backshell kit to protect the
connections.
Operating vibration
Random (IEC 60068-2-64)
5 g
, 10 to 500 Hz
rms
Sinusoidal (IEC 60068-2-6)
5 g, 10 to 500 Hz
Operating shock (IEC 60068-2-27)
30 g, 11 ms half sine, 50 g, 3 ms half sine, 18 shocks at 6 orientations
Environmental
National Instruments C Series modules are intended for indoor use only but may be used outdoors if installed in a suitable enclosure. Refer to the manual for the chassis you are
using for more information about meeting these specifications.
Operating temperature (IEC 60068-2-1, IEC 60068-2-2)
– 40 to 70 °C
Storage temperature (IEC 60068-2-1, IEC 60068-2-2)
– 40 to 100 °C
Ingress protection
IP 40
Operating humidity (IEC 60068-2-56)
10 to 90% RH, noncondensing
Storage humidity (IEC 60068-2-56)
5 to 95% RH, noncondensing
Maximum altitude
2,000 m
Pollution Degree
2
Environmental Management
National Instruments is committed to designing and manufacturing products in an environmentally responsible manner. NI recognizes that eliminating certain hazardous
substances from our products is beneficial not only to the environment but also to NI customers.
For additional environmental information, refer to the
Web page at
. This page contains the environmental regulations and directives
NI and the Environment
ni.com/environment
with which NI complies, as well as other environmental information not included in this document.
Waste Electrical and Electronic Equipment (WEEE)
EU Customers At the end of their life cycle, all products
be sent to a WEEE recycling center. For more information about WEEE recycling centers and National
must
Instruments WEEE initiatives, visit
.
ni.com/environment/weee.htm
Calibration
You can obtain the calibration certificate for this device at
.
ni.com/calibration
Calibration interval
1 year
1 The data rate must remain within the appropriate data rate range. Refer to the
section for more information.
Understanding NI 9227 Data Rates
2 Refer to the
section for more information about safe operating voltages.
Safety Guidelines
3 The maximum recommended continuous RMS current value applied simultaneously on all 4 channels to keep the power dissipation inside the module within safe operating
limits.
4 Overcurrent conditions to keep the module operating within specified limits.
5 The maximum DC current that produces a non-saturated reading.
6 Range equals 7.07 A peak (5 A
)
rms
7 Range equals 7.07 A peak (5 A
).
rms
8 Measured with 5 A
on each channel.
rms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com