| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F110ME Datasheet(PDF) 122 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F110ME Datasheet(HTML) 122 Page - Renesas Technology Corp |
|
122 / 153 page ![]() RL78/L1C 3. ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105 °C) R01DS0192EJ0200 Rev. 2.00 Page 122 of 149 Feb 21, 2014 CSI mode serial transfer timing (master mode) (during communication at different potential) (When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.) CSI mode serial transfer timing (master mode) (during communication at different potential) (When DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.) Remark p: CSI number (p = 00, 10, 20, 30), m: Unit number (m = 0, 1), n: Channel number (n = 0 to 3), g: PIM and POM number (g = 0 to 3) Input data SIp SOp tKCY1 tKL1 tKH1 tSIK1 tKSI1 tKSO1 Output data SCKp Input data Output data SIp SOp SCKp tKCY1 tKH1 tKL1 tSIK1 tKSI1 tKSO1 |