| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F110ME Datasheet(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F110ME Datasheet(HTML) 11 Page - Renesas Technology Corp |
|
11 / 153 page ![]() RL78/L1C 1. OUTLINE R01DS0192EJ0200 Rev. 2.00 Page 11 of 149 Feb 21, 2014 1.4 Pin Identification ANI0 to ANI6, : Analog Input SCL00, SCL10, SCL20, SCL30 : Serial Clock Output ANI16 to ANI21 SDAA0, SDA00, SDA10, : Serial Data Input/Output ANO0, ANO1 : Analog Output SDA20, SDA30 AVDD : Analog Power Supply SEG0 to SEG55 : LCD Segment Output AVREFM : Analog Reference Voltage SI00, SI10, SI20, SI30 : Serial Data Input Minus SO00, SO10, SO20, SO30 : Serial Data Output AVREFP : Analog Reference Voltage TI00 to TI07 : Timer Input Plus TO00 to TO07 : Timer Output AVSS : Analog Ground TKBO00, TKBO01, TKBO10, CAPH, CAPL : Capacitor for LCD TKBO11, TKBO20, TKBO21 COM0 to COM7 : LCD Common Output TOOL0 : Data Input/Output for Tool EXCLK : External Clock Input TOOLRxD, TOOLTxD : Data Input/Output for (Main System Clock) External Device EXCLKS : External Clock Input UDM, UDP : USB Input/Output (Subsystem Clock) UREGC : USB Regulator Capacitance INTP0 to INTP7 : External Interrupt Input UVBUS : USB Input/USB Power Supply IVCMP0, IVCMP1 : Comparator Input TxD0 to TxD3 : Transmit Data IVREF0, IVREF1 : Comparator Reference Input VCOUT0, VCOUT1 : Comparator Output KR0 to KR7 : Key Return VDD0, VDD1 : Power Supply P00 to P07 : Port 0 VL1 to VL4 : LCD Power Supply P10 to P17 : Port 1 VSS0, VSS1 : Ground P20 to P27 : Port 2 X1, X2 : Crystal Oscillator P30 to P37 : Port 3 (Main System Clock) P40 to P46 : Port 4 XT1, XT2 : Crystal Oscillator P50 to P57 : Port 5 (Subsystem Clock) P60 to P62 : Port 6 P70 to P77 : Port 7 P80 to P83 : Port 8 P121 to P127 : Port 12 P130, P137 : Port 13 P140 to P143 : Port 14 P150 to P156 : Port 15 PCLBUZ0, PCLBUZ1 : Programmable Clock Output/ Buzzer Output REGC : Regulator Capacitance REMOOUT : Remote Control Output RESET :Reset RTC1HZ : Real-time Clock Correction Clock (1 Hz) Output RxD0 to RxD3 : Receive Data SCK00, SCK10, SCK20, SCK30 : Serial Clock Input/Output SCLA0 : Serial Clock Input/Output |