| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RL78G13 Datasheet(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RL78G13 Datasheet(HTML) 1 Page - Renesas Technology Corp |
|
1 / 46 page ![]() APPLICATION NOTE R01AN0459EJ0200 Rev. 2.00 Page 1 of 43 2014.03.24 RL78/G13 Serial Array Unit (UART Communication) Introduction This application note explains how to use UART communication through the serial array unit (SAU). ASCII characters transmitted from the device on the opposite side are analyzed to make responses. Target Device RL78/G13 When applying the sample program covered in this application note to another microcomputer, modify the program according to the specifications for the target microcomputer and conduct an extensive evaluation of the modified program. R01AN0459EJ0200 Rev. 2.00 2014.03.24 |
Número de pieza similar - RL78G13 |
|
Descripción similar - RL78G13 |