| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PLW138003003 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PLW138003003 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 11 page ![]() [Type here] Datasheet No 292483 Issue 5 1 of 11 13/03/2014 MAGIC LED PLW138003 Series Advanced Product Information Description Plessey MAGIC PLW138003 ultra-thin SMT LEDs are designed for symbol backlight applications. The light is emitted in wide emission angles and hence this SMT package is suitable for indicators in mobile devices. The LEDs are packed in reels containing 8000 pieces; every reel will be shipped in single intensity and colour bin, to provide close uniformity. Features • Ultra-thin 1005 footprint • High reliability PLCC packaging • Diffused pale yellow resin • 130 degree wide viewing angle • GaN-on-Si die technology Applications • Decoration Lighting • Instrument panel backlighting • Illumination symbols • Miniature dot-matrix displays • Wearable devices Variant Nominal Colour (x, y) Luminous Intensity Iv (mcd) Min. Max. PLW138003-A (0.280, 0.260) 100 190 PLW138003-B (0.300, 0.290) PLW138003-C (0.275, 0.240) |
Número de pieza similar - PLW138003003 |
|
Descripción similar - PLW138003003 |