Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R11568 Datasheet(PDF) 1 Page - Hamamatsu Corporation

No. de pieza R11568
Descripción Electrónicos  PHOTOMULTIPLIER TUBE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HAMAMATSU [Hamamatsu Corporation]
Página de inicio  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R11568 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R11568 Datasheet HTML 1Page - Hamamatsu Corporation R11568 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL
MAXIMUM RATINGS (Absolute Maximum Values)
CHARACTERISTlCS (at 25
°C)
Figure 1: Typical Spectral Response
TPMSB0236EB
Supply Voltage: 1000 V, K: Cathode, Dy: Dynode, P: Anode
VOLTAGE DISTRIBUTION RATIO AND SUPPLY VOLTAGE
Electrodes
Ratio
K
Dy1
1
Dy2
1
Dy3
1
Dy4
1
Dy5
1
Dy6
1
Dy7
1
Dy8
1
Dy9
11
P
PHOTOMULTIPLIER TUBE
R11568
101
102
100
10-1
10-2
200
300
400
500
100
600
700
800
WAVELENGTH (nm)
CATHODE RADIANT SENSITIVITY
QUANTUM EFFICIENCY
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2011 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
Value
1250
250
0.1
V
V
mA
Unit
Parameter
Supply
Voltage
Average Anode Current
Typ.
Max.
Unit
2000
10
µA/lm
mA/W
%
A/lm
A/W
nA
ns
ns
60
60
18.6
7.1
600
6
× 105
1.0
× 107
1
2.2
22
Min.
Luminous (2856 K)
Radiant at 400 nm
Quantum
Efficiency at 400 nm
Blue Sensitivity Index
(CS 5-58)
Luminous (2856 K)
Radiant at 400 nm
Anode Pulse Rise Time
Electron Transit Time
40
200
Parameter
Cathode
Sensitivity
Anode
Sensitivity
Gain
Anode Dark Current
(After 30 min Storage in Darkness)
Time
Response
SPECIFICATIONS
Between Anode and Cathode
Between Anode and Last Dynode
28 mm (1-1/8 Inch) Diameter, 9-stage, Bialkali Photocathode, Side-on Type
High Gain and Low Dark Current
185 nm to 650 nm Spectral Response
Parameter
Description/Value
Unit
Spectral Response
Wavelength of Maximum Response
Photocathode
Window Material
Dynode
Direct Interelectrode
Capacitances
Base
Weight
Operating Ambient Temperature
Storage Temperature
SuitabIe Socket
SuitabIe Socket Assembly
185 to 650
400
Bialkali
8
× 24
UV glass
Circular-cage
9
4
6
11-pin base JEDEC No. B11-88
Approx. 45
-30 to +50
-30 to +50
E678–11A (Sold Separately)
E717–63 (Sold Separately)
nm
nm
mm
pF
pF
g
°C
°C
MateriaI
Minimum Effective Area
Structure
Number of Stages
Anode to Last Dynode
Anode to All Other Electrodes


Número de pieza similar - R11568

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hamamatsu Corporation
R11568 HAMAMATSU-R11568 Datasheet
140Kb / 2P
28 mm (1-1/8 Inch) Diameter, 9-stage, Bialkali Photocathode, Side-on Type High Gain and Low Dark Current
More results

Descripción similar - R11568

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hamamatsu Corporation
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
PHOTOMULTIPLIER TUBE
R12199 HAMAMATSU-R12199_15 Datasheet
126Kb / 2P
PHOTOMULTIPLIER TUBE
R7154 HAMAMATSU-R7154_15 Datasheet
213Kb / 4P
PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
PHOTOMULTIPLIER TUBE
R3896 HAMAMATSU-R3896_15 Datasheet
215Kb / 4P
PHOTOMULTIPLIER TUBE
R2496 HAMAMATSU-R2496_15 Datasheet
50Kb / 2P
PHOTOMULTIPLIER TUBE
R2257 HAMAMATSU-R2257_15 Datasheet
43Kb / 2P
PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_15 Datasheet
112Kb / 2P
PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com