Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R8520-406 Datasheet(PDF) 1 Page - Hamamatsu Corporation

No. de pieza R8520-406
Descripción Electrónicos  PHOTOMULTIPLIER TUBE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HAMAMATSU [Hamamatsu Corporation]
Página de inicio  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R8520-406 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R8520-406 Datasheet HTML 1Page - Hamamatsu Corporation R8520-406 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHARACTERISTICS (at 25
°C)
NOTE: Anode characteristics are measured with a voltage distribution ratio and supply voltage shown below.
VOLTAGE DlSTRlBUTlON RATlO AND SUPPLY VOLTAGE
GENERAL
MAXIMUM RATINGS (Absolute Maximum Values)
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2013 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
SPECIFICATIONS
PHOTOMULTIPLIER TUBE
R8520-406
FEATURES
APPLICATIONS
Parameter
Min.
Unit
Cathode Sensitivity
Anode Sensitivity
Anode Dark Current (After 30 minute storage in darkness)
Time Response
Pulse Linearity (
±2 % Deviation)
Luminous (2856 K)
Blue Sensitivity Index (CS 5-58)
Radiant at 420 nm
Quantum Efficiency at 175 nm
Luminous (2856 K)
Gain (
× 106)
Anode Pulse Rise Time
Electron Transit Time
Transit Time Spread (FWHM)
80
9.0
40
100
11.0
100
30
100
1
2
1.8
12.4
0.8
30
mA/lm
mA/W
%
A/W
nA
ns
ns
ns
mA
20
Typ.
Max.
Parameter
Unit
Spectral Response
Wavelength of Maximum Response
Window Material
Photocathode
Dynode
Operating Ambient Temperature
Storage Temperature
Weight
MateriaI
Minimum Effective Area
Structure
Number of Stages
160 to 650
420
Synthetic silica
Bialkali
20.5
× 20.5
Metal channel
10
-110 to +50
-110 to +50
22.9
nm
nm
mm2
°C
°C
g
Description / Value
Parameter
Unit
Supply Voltage
Average Anode Current
Between Anode and Cathode
Between Anode and Last Dynode
900
150
0.1
V
V
mA
Value
Electrodes
K
Dy1
G
Dy2
Dy3
Dy4
Dy5
Dy6
Dy7
Dy8
P
Ratio
0.5
1.5
2
1
1
1
1
1
1
Dy9
1
Dy10
1
0.5
SuppIy Voltage: 800 V, K: Cathode, G: Grid, Dy: Dynode, P: Anode
GHigh Energy Physics
GAcademic Research
GFor Low Temperature Operation Down to -110 °C
GLow Radioactivity 26 mm (1 Inch) square
GHigh UV Sensitivity by Synthetic Silica Window


Número de pieza similar - R8520-406

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hamamatsu Corporation
R8520-00-C12 HAMAMATSU-R8520-00-C12 Datasheet
147Kb / 4P
POSITION SENSITIVE PHOTOMULTIPLIER TUBES
More results

Descripción similar - R8520-406

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hamamatsu Corporation
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
PHOTOMULTIPLIER TUBE
R12199 HAMAMATSU-R12199_15 Datasheet
126Kb / 2P
PHOTOMULTIPLIER TUBE
R7154 HAMAMATSU-R7154_15 Datasheet
213Kb / 4P
PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
PHOTOMULTIPLIER TUBE
R3896 HAMAMATSU-R3896_15 Datasheet
215Kb / 4P
PHOTOMULTIPLIER TUBE
R2496 HAMAMATSU-R2496_15 Datasheet
50Kb / 2P
PHOTOMULTIPLIER TUBE
R2257 HAMAMATSU-R2257_15 Datasheet
43Kb / 2P
PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_15 Datasheet
112Kb / 2P
PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com