| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPB10S24 Datasheet(PDF) 2 Page - MicroPower Direct, LLC |
|
|
|||||||||||||||||||||||||||||
MPB10S24 Datasheet(HTML) 2 Page - MicroPower Direct, LLC |
|
2 / 2 page ![]() Model Selection Guide Mechanical Dimensions Derating Curve Notes: 1. Output voltage tolerance is measured at nominal input and 75% load. 2. For the MPB-10S-03, output ripple is ±50 mV typ. Output ripple is measured at 20 MHz bandwidth using 0.1 µF and 10 µF capacitors connected in parallel as close to the power supply terminals as possible. 3. These units will operate at no load without damage. For most applications however, MPD recommends that a minimum load always be used. Contact the factory for more information. 4. Each unit includes an input fuse (250V/1A). Since this fuse is not field replaceable, it is recommended that an external fuse of the same size be used on the input of the power supply for protection. Notes: • All dimensions are typical in inches (mm) • Tolerance x.xx = ±0.02 (±0.50) MicroPower Direct We Power Your Success - For Less! 292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com Other Models May Be Available. Contact The Factory For Details www.micropowerdirect.com Model Number Input Output Max Output Power (W) Efficiency (%, Typ) Current (A) Voltage (VDC) Current (A) 115 VAC 230 VAC Rated % Min. MPB-10S-03 0.50 0.25 3.3 2.50 0.00 8.25 67 MPB-10S-05 0.50 0.25 5.0 2.00 0.00 10.0 73 MPB-10S-09 0.50 0.25 9.0 1.12 0.00 10.0 72 MPB-10S-12 0.50 0.25 12.0 0.84 0.00 10.0 76 MPB-10S-15 0.50 0.25 15.0 0.67 0.00 10.0 76 MPB-10S-24 0.50 0.25 24.0 0.42 0.00 10.0 77 Pin Description 1 AC-Neutral 2 AC-Line 3 -V Output 4 +V Output Pin Connections |