Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT28F020 Datasheet(PDF) 13 Page - Catalyst Semiconductor

No. de pieza CAT28F020
Descripción Electrónicos  2 Megabit CMOS Flash Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F020 Datasheet(HTML) 13 Page - Catalyst Semiconductor

Back Button CAT28F020 Datasheet HTML 6Page - Catalyst Semiconductor CAT28F020 Datasheet HTML 7Page - Catalyst Semiconductor CAT28F020 Datasheet HTML 8Page - Catalyst Semiconductor CAT28F020 Datasheet HTML 9Page - Catalyst Semiconductor CAT28F020 Datasheet HTML 10Page - Catalyst Semiconductor CAT28F020 Datasheet HTML 11Page - Catalyst Semiconductor CAT28F020 Datasheet HTML 12Page - Catalyst Semiconductor CAT28F020 Datasheet HTML 13Page - Catalyst Semiconductor CAT28F020 Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
CAT28F020
13
Doc. No. 25037-00 2/98 F-1
Figure 8. Alternate A.C. Timing for Program Operation
28F020 F09
ADDRESSES
WE (W)
OE (G)
CE (E)
DATA (I/O)
VCC
VPP
tWC
tWC
tRC
tAVEL
tELAX
tWLEL
tWLEL
tEHQZ
tDF
tGHEL
tEHEL
tEHEH
tEHGL
tELEH
HIGH-Z
DATA IN
= 40H
DATA IN
DATA IN
= C0H
VALID
DATA OUT
tEHDX
tOLZ
tOE
tOH
tLZ
tCE
tVPEL
VPPH
VPPL
0V
5.0V
VCC POWER-UP
& STANDBY
SETUP PROGRAM
COMMAND
LATCH ADDRESS
& DATA
PROGRAMMING
PROGRAM
VERIFY
COMMAND
PROGRAM
VERIFICATION
VCC POWER-DOWN/
STANDBY
tWLEL
tEHWH
tEHWH
tEHWH
tELEH
tDVEH
tDVEH
tDVEH
tEHDX
tEHDX
POWER SUPPLY DECOUPLING
To reduce the effect of transient power supply voltage
spikes, it is good practice to use a 0.1
µF ceramic
capacitor between VCC and VSS and VPP and VSS. These
high-frequency capacitors should be placed as close as
possible to the device for optimum decoupling.
Abort/Reset
An Abort/Reset command is available to allow the user
to safely abort an erase or program sequence. Two
consecutive program cycles with FFH on the data bus
will abort an erase or a program operation. The abort/
reset operation can interrupt at any time in a program or
erase operation and the device is reset to the Read
Mode.
POWER UP/DOWN PROTECTION
The CAT28F020 offers protection against inadvertent
programming during VPP and VCC power transitions.
When powering up the device there is no power-on
sequencing necessary. In other words, VPP and VCC
may power up in any order. Additionally VPP may be
hardwired to VPPH independent of the state of VCC and
any power up/down cycling. The internal command
register of the CAT28F020 is reset to the Read Mode on
power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com