| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS334IDT Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS334IDT Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 27 page ![]() Absolute maximum ratings and operating conditions TS331, TS332, TS334 4/27 DocID17272 Rev 4 2 Absolute maximum ratings and operating conditions Table 1. Absolute maximum ratings Symbol Parameter Value Unit VCC Supply voltage(1) 1. All voltage values, except differential voltage, are referenced to Vcc- 5.5 V VID Differential input voltage ± 5.5 VIN Input voltage range (VCC-) - 0.3 to (VCC+) + 0.3 Vout Output voltage(1) 5.5 Rthja Thermal resistance junction to ambient(2) SOT23-5 SC70-5 DFN6 1.2x1.3 DFN8 2x2 SO8 MiniSO8 QFN16 3x3 SO14 TSSOP14 2. Short-circuits can cause excessive heating. These values are typical 250 205 40 57 125 190 39 105 100 °C/W Rthjc Thermal resistance junction to case (2) SOT23-5 SC70-5 SO8 MiniSO8 QFN16 3x3 SO14 TSSOP14 81 172 40 39 5 31 32 Tstg Storage temperature -65 to +150 °C Tj Junction temperature 150 TLEAD Lead temperature (soldering 10 seconds) 260 ESD Human body model (HBM)(3) 3. According to JEDEC standard JESD22-A114F. 2000 V Machine model (MM)(4) 4. According to JEDEC standard JESD22-A115A. 200 Charged device model (CDM)(5) 5. According to ANSI/ESD STM5.3.1. 1500 Latchup immunity 200 mA |