| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TDA7370B Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7370B Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 17 page ![]() PIN CONNECTION (Top view) ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VS DC Supply Voltage 28 V VOP Operating Supply Voltage 18 V VPEAK Peak Supply Voltage (t = 50ms) 50 V IO Output Peak Current (not rep. t = 100 µs) 4.5 A IO Output Peak Current (rep. f > 10Hz) 3.5 A Ptot Power Dissipation (Tcase = 85 °C) 36 W Tstg, Tj Storage and Junction Temperature -40 to 150 °C THERMAL DATA Symbol Description Value Unit Rth j-case Thermal Resistance Junction-case Max 1.8 °C/W TDA7370B 2/17 Obsolete Product(s) - Obsolete Product(s) |