Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AHP2806SWES Datasheet(PDF) 1 Page - International Rectifier

No. de pieza AHP2806SWES
Descripción Electrónicos  HYBRID - HIGH RELIABILITY DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

AHP2806SWES Datasheet(HTML) 1 Page - International Rectifier

  AHP2806SWES Datasheet HTML 1Page - International Rectifier AHP2806SWES Datasheet HTML 2Page - International Rectifier AHP2806SWES Datasheet HTML 3Page - International Rectifier AHP2806SWES Datasheet HTML 4Page - International Rectifier AHP2806SWES Datasheet HTML 5Page - International Rectifier AHP2806SWES Datasheet HTML 6Page - International Rectifier AHP2806SWES Datasheet HTML 7Page - International Rectifier AHP2806SWES Datasheet HTML 8Page - International Rectifier AHP2806SWES Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
01/16/07
www.irf.com
1
AHP270XXS SERIES
The AHP Series of DC/DC converters feature high power
density without derating over the full military temperature
range. This series is offered as lower cost alternatives to
the legendary AFL series with improved performance for
new design applications. The AHPs are form, fit and
functional replacement to the AFL series. The new AHP
series offers a full compliment of single and dual output
voltages operating from nominal +28V or +270V inputs
with output power ranging from 66W to 120W. For
applications requiring higher output power, multiple
converters can be operated in parallel. The internal current
sharing circuits assure equal current distribution among
the paralleled converters. Same as the AFL, the AHP
series incorporates International Rectifier’s proprietary
magnetic pulse feedback technology providing optimum
dynamic line and load regulation response. This feedback
system samples the output voltage at the pulse width
modulator fixed clock frequency, nominally 550KHz.
Multiple converters can be synchronized to a system clock
in the 500KHz to 700KHz range or to the synchronization
output of one converter. Undervoltage lockout, primary
and secondary referenced inhibit, soft-start and load fault
protection are provided on all models. Also included is
input over-voltage protection, a new protection feature
unique to
the AHP.
Description
These converters are hermetically packaged in two
enclosure variations, utilizing copper core pins to minimize
resistive DC losses. Three lead styles are available, each
fabricated with International Rectifier’s rugged ceramic
lead-to-package seal assuring long term hermeticity in
the most harsh environments.
Features
270V Input, Single Output
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizing DSCC
qualified processes. For available screening options,
refer to device screening table in the data sheet.
Variations in electrical, mechanical and screening can
be accommodated. Contact IR Santa Clara for special
requirements.
AHP
n 160V To 400V Input Range
n 3.3V, 5V, 6V, 9V, 12V, 15V, 25V and 28V Outputs
Available
n High Power Density - up to 84W/in3
n Up To 120W Output Power
n Parallel Operation with Stress and Current Sharing
n Low Profile (0.380") Seam Welded Package
n Ceramic Feed thru Copper Core Pins
n High Efficiency - to 87%
n Full Military Temperature Range
n Continuous Short Circuit and Overload Protection
n Remote Sensing Terminals
n Primary and Secondary Referenced
Inhibit Functions
n Line Rejection > 60dB - DC to 50KHz
n External Synchronization Port
n Fault Tolerant Design
n Dual Output Versions Available
n Standard Microcircuit Drawing Available
HYBRID - HIGH RELIABILITY
DC/DC CONVERTER
PD-97181C


Número de pieza similar - AHP2806SWES

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
AHP2800D IRF-AHP2800D Datasheet
236Kb / 11P
HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AHP2800D IRF-AHP2800D_15 Datasheet
236Kb / 11P
HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AHP2800S IRF-AHP2800S Datasheet
233Kb / 12P
HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AHP2800S IRF-AHP2800S_15 Datasheet
233Kb / 12P
HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AHP2803R3S IRF-AHP2803R3S Datasheet
233Kb / 12P
HIGH RELIABILITY HYBRID DC/DC CONVERTERS
More results

Descripción similar - AHP2806SWES

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2700S IRF-AFL2700S_15 Datasheet
539Kb / 16P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATR2800D IRF-ATR2800D_15 Datasheet
275Kb / 8P
HYBRID - HIGH RELIABILITY DC-DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
HYBRID-HIGH RELIABILITY DC-DC CONVERTER
AHP27005DXES IRF-AHP27005DXES Datasheet
214Kb / 10P
HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com