Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IR21141SS Datasheet(PDF) 9 Page - International Rectifier

No. de pieza IR21141SS
Descripción Electrónicos  HALF-BRIDGE GATE DRIVER IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IR21141SS Datasheet(HTML) 9 Page - International Rectifier

Back Button IR21141SS Datasheet HTML 5Page - International Rectifier IR21141SS Datasheet HTML 6Page - International Rectifier IR21141SS Datasheet HTML 7Page - International Rectifier IR21141SS Datasheet HTML 8Page - International Rectifier IR21141SS Datasheet HTML 9Page - International Rectifier IR21141SS Datasheet HTML 10Page - International Rectifier IR21141SS Datasheet HTML 11Page - International Rectifier IR21141SS Datasheet HTML 12Page - International Rectifier IR21141SS Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
IR21141/IR22141SSPbF
www.irf.com
© 2009 International Rectifier
9
Lead Assignments
24-Lead SSOP
Lead Definitions
Symbol
Description
VCC
Low side gate driver supply
VSS
Logic ground
HIN
Logic input for high side gate driver outputs (HOP/HON)
LIN
Logic input for low side gate driver outputs (LOP/LON)
FAULT/SD
Dual function (in/out) active low pin. Refer to Figs. 15, 17, and 18. As an output, indicates fault condition.
As an input, shuts down the outputs of the gate driver regardless HIN/LIN status.
SY_FLT
Dual function (in/out) active low pin. Refer to Figs. 15, 17, and 18. As an output, indicates SSD sequence
is occurring. As an input, an active low signal freezes both output status.
FLT_CLR
Fault clear active high input. Clears latched fault condition (see Fig. 17)
LOP
Low side driver sourcing output
LON
Low side driver sinking output
DSL
Low side IGBT desaturation protection input
SSDL
Low side soft shutdown
COM
Low side driver return
VB
High side gate driver floating supply
HOP
High side driver sourcing output
HON
High side driver sinking output
DSH
High side IGBT desaturation protection input
SSDH
High side soft shutdown
VS
High side floating supply return
SSOP24
1
12
24
13
SSDL
FLT_CLR
HIN
COM
SY_FLT
LON
FAULT/SD
VSS
LOP
VCC
DSL
HOP
SSDH
HON
N.C.
VS
N.C.
DSH
VB
N.C.
N.C.
N.C.
N.C.
LIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34