| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SIOY2S100V2 Datasheet(PDF) 1 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SIOY2S100V2 Datasheet(HTML) 1 Page - SEC Electronics Inc. |
|
1 / 4 page ![]() SIOY2SV2 Current Sensors 1 V2.00 May 1, 2012 IPN = 50…600A VOUT = ± 4 V Features Hall effect measuring principle Galvanic isolation between primary and secondary circuit Compact design for PCB mounting Low power consumption Extended measuring range (3 *IPN) Insulated plastic case recognized according to UL 94-V0 Advantages Easy installation Excellent accuracy No insertion losses Excellent performance and price Only one design for wide current ratings range High immunity against external interference Industrial applications AC variable speed drives Battery supplied applications Uninterruptible Power Supplies (UPS) Power supplies for welding applications Static converters for DC motor drives Switched-Mode Power Supplies (SMPS) TYPES OF PRODUCTS Type Primary nominal current r. m. s IPN (A) Primary current measuring range IP (A) SIOY2S50V2 50 ±150 SIOY2S75V2 75 ±225 SIOY2S100V2 100 ±300 SIOY2S150V2 150 ±450 SIOY2S200V2 200 ±600 SIOY2S300V2 300 ±900 SIOY2S400V2 400 ±900 SIOY2S500V2 500 ±900 SIOY2S600V2 600 ±900 General Description For the electronic measurement of currents : DC, AC, pulsed, mixed, with a galvanic isolation between the primary circuit and the secondary circuit. |
Número de pieza similar - SIOY2S100V2 |
|
Descripción similar - SIOY2S100V2 |