Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

80L188EC Datasheet(PDF) 21 Page - Intel Corporation

No. de pieza 80L188EC
Descripción Electrónicos  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

80L188EC Datasheet(HTML) 21 Page - Intel Corporation

Back Button 80L188EC Datasheet HTML 17Page - Intel Corporation 80L188EC Datasheet HTML 18Page - Intel Corporation 80L188EC Datasheet HTML 19Page - Intel Corporation 80L188EC Datasheet HTML 20Page - Intel Corporation 80L188EC Datasheet HTML 21Page - Intel Corporation 80L188EC Datasheet HTML 22Page - Intel Corporation 80L188EC Datasheet HTML 23Page - Intel Corporation 80L188EC Datasheet HTML 24Page - Intel Corporation 80L188EC Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
80C186EC188EC 80L186EC188EC
Table 7 SQFP Pin Functions with Location
AD Bus
AD0
73
AD1
72
AD2
71
AD3
70
AD4
66
AD5
65
AD6
64
AD7
63
AD8 (A8)
60
AD9 (A9)
59
AD10 (A10)
58
AD11 (A11)
57
AD12 (A12)
56
AD13 (A13)
55
AD14 (A14)
54
AD15 (A15)
53
A16
77
A17
76
A18
75
A19ONCE
74
Bus Control
ALE
52
BHE (RFSH)51
S0
78
S1
79
S2
80
RD
50
WR
49
READY
85
DTR
46
DEN
47
LOCK
48
HOLD
44
HLDA
45
Processor Control
RESIN
8
RESOUT
7
CLKIN
10
OSCOUT
11
CLKOUT
6
TEST BUSY
83
NMI
82
INT0
30
INT1
31
INT2
32
INT3
33
INT4
40
INT5
41
INT6
42
INT7
43
INTA
34
PEREQ (VSS)81
ERROR (VCC)84
NCS (NC)
35
PDTMR
9
Power and Ground
VCC
13
VCC
14
VCC
38
VCC
62
VCC
67
VCC
69
VCC
86
VSS
12
VSS
15
VSS
37
VSS
39
VSS
61
VSS
68
VSS
87
IO
UCS
88
LCS
89
P10GCS0
97
P11GCS1
96
P12GCS2
95
P13GCS3
94
P14GCS4
93
P15GCS5
92
P16GCS6
91
P17GCS7
90
P20RXD0
16
P21TXD0
17
P22BCLK0
18
P23CTS0
19
P24RXD1
20
P25TXD1
21
P26BCLK1
22
P27CTS1
23
P30RXI1
24
P31TXI1
25
P32DMAI0
26
P33DMAI1
27
P34
28
P35
29
DRQ0
98
DRQ1
99
DRQ2
100
DRQ3
1
T0IN
3
T0OUT
2
T1IN
5
T1OUT
4
WDTOUT
36
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57