| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
88AC2-252 Datasheet(PDF) 2 Page - Grayhill, Inc |
|
|
|||||||||||||||||||||||||||||
88AC2-252 Datasheet(HTML) 2 Page - Grayhill, Inc |
|
2 / 5 page ![]() Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com Standard Keypads SERIES 88 Sealed, Flange Mounted DIMENSIONS In inches (and millimeters) 4x4 Keyboard Termination In inches (and millimeters) 4x4 Dots in the chart indicate connected terminals when switch is closed. Terminals are identified on the keyboard. Code and Truth Table 3.000 ± .015 (76,2 ± 0,38) 2.800 ± .010 (71,12 ± 0,25) .200 ± .010 (5,08 ± 0,25) A B E F G K L M R S T 2.700 ± .010 (68,58 ± 0,25) 2.500 ± .010 (63,5 ± 0,25) .100 (2,54) TYP. RETAINING STUDS .220 ± .010 (5,59 ± 25,4) .100 ± .010 (2,54 ± 0,25) BUTTON NO. 1 .093 ± .005 (2,36 ± 0,13) DIA. 4 PLS. C L OF 2.700 (68,58) DIM. .050 ± .003 (1,27 ± 0,08) CODES 4x4 Matrix Single Pole/Common Bus TERMINAL LOCATION H G F E M L K J • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • P J E A R L F B S M H C T N G D K • • • • • • • • • • • • • • • • 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 • • • • • • • • • • • • • • • • .500 .010 (12,7 ± 0,25) (3 EQ. SPS) TOL. NON- ACCUM. .380 (9,65) SQ. TYP. .750 ± .010 (19,05 ± 0,25) 2.490 + .000 - .010 (63,25 + .000 - 0,25) .055 ± .010 (1,40 ± 0,25) .105 ± .010 (2,67 ± 0,25) ROW 1 ROW 2 ROW 3 ROW 4 2.690 + .000/ - .010 (68,33 + .000/ - 0,25) SWITCH KEY IDENTIFICATION (FOR REF. ONLY) .500 ± .010 (12,7 ± 0,25) (3 EQ. SPS.) TOL. NON- ACCUM. .600 ± .010 (15,24 ± 0,25) .128 ± .010 (3,25 ± 0,25) .280 ± .010 (7,11 ± 0,25) .025 ± .002 (0,64 ± 0,05) SQUARE TERMINAL .360 ± .010 (9,14 ± 0,25) .072 ± .010 (1,83 ± 0,25) COL = COLUMN BUTTON AREAS ARE EMBOSSED 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 .150 ± .005 (3,81 ± 0,13) R. FEATURES • Sealed Keyboard • Colorful Graphic Overlay • Audible, Snap-Dome Contact • User Legendable Styles • 3,000,000 Operations per Button • Optional Panel Seal Gasket to Protect Your Equipment Keypads 33 |