| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74LS221D Datasheet(PDF) 3 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
SN74LS221D Datasheet(HTML) 3 Page - Motorola, Inc |
|
3 / 7 page ![]() 5-382 FAST AND LS TTL DATA SN54/74LS221 GUARANTEED OPERATING RANGES Symbol Parameter Min Typ Max Unit VCC Supply Voltage 54 74 4.5 4.75 5.0 5.0 5.5 5.25 V TA Operating Ambient Temperature Range 54 74 – 55 0 25 25 125 70 °C IOH Output Current — High 54, 74 – 0.4 mA IOL Output Current — Low 54 74 4.0 8.0 mA DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified) Symbol Parameter Limits Unit Test Conditions Symbol Parameter Min Typ Max Unit Test Conditions VT+ Positive-Going Threshold Voltage at C Input 1.0 2.0 V VCC = MIN VT– Negative-Going Threshold Voltage at C Input 54 0.7 0.8 V VCC = MIN VT– Negative-Going Threshold Voltage at C Input 74 0.7 0.8 V VCC = MIN VT+ Positive-Going Threshold Voltage at B Input 1.0 2.0 V VCC = MIN VT– Negative-Going Threshold Voltage at B Input 54 0.7 0.9 V VCC = MIN VT– Negative-Going Threshold Voltage at B Input 74 0.8 0.9 V VCC = MIN VIH Input HIGH Voltage 2.0 V Guaranteed Input HIGH Voltage for A Input VIL Input LOW Voltage 54 0.7 V Guaranteed Input LOW Voltage for A Input VIL Input LOW Voltage 74 0.8 V Guaranteed Input LOW Voltage for A Input VIK Input Clamp Voltage – 1.5 V VCC = MIN, IIN = – 18 mA VOH Output HIGH Voltage 54 2.5 3.4 V VCC = MIN, IOH = MAX VOH Output HIGH Voltage 74 2.7 3.4 V VCC = MIN, IOH = MAX VOL Output LOW Voltage 54 0.25 0.4 V IOL = 4.0 mA VCC = MIN VOL Output LOW Voltage 74 0.35 0.5 V IOL = 8.0 mA VCC = MIN IIH Input HIGH Current 20 µA VCC = MAX, VIN = 2.7 V IIH Input HIGH Current 0.1 mA VCC = MAX, VIN = 7.0 V IIL Input LOW Current Input A Input B Clear – 0.4 – 0.8 – 0.8 mA VCC = MAX, VIN = 0.4 V IOS Short Circuit Current (Note 1) – 20 – 100 mA VCC = MAX ICC Power Supply Current Quiescent 4.7 11 mA VCC = MAX ICC Triggered 19 27 mA VCC = MAX Note 1: Not more than one output should be shorted at a time, nor for more than 1 second. |