| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LR8401 Datasheet(PDF) 2 Page - Leshan Radio Company |
|
|
|||||||||||||||||||||||||||||
LR8401 Datasheet(HTML) 2 Page - Leshan Radio Company |
|
2 / 10 page ![]() PIN CONFIGURATION Table 1 LR8401A Series(SOT-23-3/SOT-23 PKG) PIN NO. PIN NAME FUNCTION 1 V Output voltage pin OUT 2 V GND pin SS 3 LX External inductor connection pin Table 2 LR8401B Series(SOT-23-5 PKG) PIN NO. PIN NAME FUNCTION 1 EN Shutdown pin “H”: Normal operation “L”: Step-up stopped 2 V Output voltage pin OUT 3 NC (N.C.) 4 V GND pin SS 5 LX External inductor connection pin Table 3 LR8401A Series (SOT-89-3 PKG) PIN NO. PIN NAME FUNCTION 1 V GND pin SS 2 V Output voltage pin OUT 3 LX External inductor connection pin Table 4 LR8401A Series (TO-92 PKG) PIN NO. PIN NAME FUNCTION 1 V GND pin SS 2 V Output voltage pin OUT 3 LX External inductor connection pin 1 2 3 TO-92 Bottom view LESHAN RADIO COMPANY, LTD. 2/10 |